Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
30
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device
description. The WM8533 can be configured using the Control Interface. All unused bits should be set to '0' and access to
unlisted registers should be avoided.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
DEVICE_ID /
SW RESET
CHIP_ID [15:0]
8523h
R1 (1h)
REVISION
0
0
0
0
0
0
0
0
0
0
0
0
0
CHIP_REV [2:0]
0001h
R2 (2h)
PSCTRL1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SYS_ENA [1:0]
0000h
R3 (3h)
AIF_CTRL1
0
0
0
0
0
0
0
DAC_
DEEM
P
AIF_M
STR
AIF_L
RCLK_
INV
AIF_B
CLK_I
NV
AIF_WL [1:0]
0
AIF_FMT [1:0]
1812h
R4 (4h)
AIF_CTRL2
0
0
0
0
0
0
0
0
DAC_OP_MUX
[1:0]
AIF_BCLKDIV [2:0]
AIF_SR [2:0]
0000h
R5 (5h)
DAC_CTRL3
0
0
0
0
0
0
0
0
0
0
0
DAC_
ZC
DACR
_MUT
E
DACL_
MUTE
DAC_
VOL_
UP_R
AMP
DAC_
VOL_D
OWN_
RAMP
0001h
R6 (6h)
DAC_GAINL
0
0
0
0
0
0
DACL_
VU
DACL_VOL [8:0]
0190h
R7 (7h)
DAC_GAINR
0
0
0
0
0
0
DACR
_VU
DACR_VOL [8:0]
0190h
Table 22 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com