Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/RV Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/RV
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/RV Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
36
DIFFERENTIAL MONO MODE
DIFF[1:0] sets the required differential output mode; normal stereo, reversed stereo, mono left or
mono right, as shown in Table 36.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
Mode Control 2
08h
[3:2]
DIFF[1:0]
00
00 = Stereo
10 = Stereo reverse (left and right
channels swapped)
01 = Mono left – differential outputs
VOUTLP (17) is left channel.
VOUTLN (16) is left channel
inverted.
VOUTRP (12) is left channel
inverted.
VOUTRN (13) is left channel.
11 = Mono right – differential outputs.
VOUTLP (17) is right channel
inverted.
VOUTLN (16) is right channel.
VOUTRP (12) is right channel.
VOUTRN (13) is right channel
inverted.
Table 36 Differential Output Modes
Using these controls a pair of WM8741 devices may be used to build a dual differential stereo
implementation with higher performance and differential output.
DITHER
Dither is applied whenever internal truncation occurs. It is also used when a 32 bit input word is
applied to the DAC prior to truncation to the internal wordlength. Three types of dither can be
selected to allow the sound quality if the device to be optimised.
TDF has a triangular probability density function and causes zero noise modulation i.e.
the
quantisation noise is invariant to the changes in the signal level. This mode is recommended and is
selected by default.
RPDF has a rectangular probability density function and may cause noise modulation.
HPDF has a triangular probability density function with a high pass characteristic, which has a lower
noise at low frequencies at the expense of raised noise levels at higher frequencies.
Alternatively the dither can be disabled.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
Mode Control 2
08h
[1:0]
DITHER
[1:0]
10
Digital filter dither mode select:
00 = dither off
01 = RPDF dither applied in Digital
filter
10 = TPDF dither applied in Digital
filter
11 = HPDF dither applied in Digital
filter
Note: DITHER[1:0] applies only to
the dither mode in the Digital filter.
Table 37 Dither Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com