Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/RV
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
17
Figure 8 DVDD Power up Sequence
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, TA_max = +125oC, TA_min = -25oC, DVDDmax = 3.6V, DVDDmin = 3.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Input Timing Information
DVDD level to POR rising
edge (DVDD rising)
Vpor_hi
Measured from DGND
1.86
V
DVDD level to POR falling
edge (DVDD falling)
Vpor_lo
Measured from DGND
1.83
V
Table 7 Digital POR Timing
In a real application the designer is unlikely to have control of the relative power up sequence of
AVDD and DVDD. The POR circuit ensures a reasonable delay between applying power to the
device and Device Ready.
Figure 7 and Figure 8 show typical power up scenarios in a real system. DVDD must be established
before the device can be written to. Any writes to the device before device ready will be ignored.
Note: DVDD must be established before the MCLK is started. This will ensure all synchronisation
circuitry within the device is fully initialised and ready.
AVDD must be established before the device will output any signal. Whilst the device will output
signal as soon as the Internal Analogue PORB indicates device ready, normal operation is not
possible until the VMID pin has reached the midrail voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com