Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/RV Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/RV
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/RV Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
46
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R4
Volume
Control
04h
0
VOL_RAMP
0
Ramps volume from existing attenuation setting to new setting when
UPDATE applied.
0: Step volume change
1: Ramp volume change
1
ATT2DB
0
Anti-clipping mode control. Attenuates PCM gain path by 2 dB:
0: 0dB gain
1: -2dB gain
2
ATC
0
Attenuator Control Mode:
0 = Right channels use Right attenuation
1 = Right Channels use Left Attenuation
3
SOFTMUTE
0
Soft mute select
0: Normal Operation
1: Soft mute both channels
4
IZD
0
Enables infinite zero detect (detects 1024 zeros on input):
0 = Disable infinite zero detect
1 = Enable infinite zero detect
6:5
ZEROFLR
[1:0]
00
Zero flag output:
00 = Pin assigned to logical AND of LEFT and RIGHT channels
01 = Pin assigned to LEFT channel
10 = Pin assigned to RIGHT channel
11 = ZFLAG disabled
7
AMUTE
0
Applies analogue mute in DSD mode
0 = Normal operation
1 = Analogue mute applied
Table 57 R4 Volume Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R5
Format
Control
05h
[1:0]
IWL[1:0]
10
Audio interface input word length.
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit
[3:2]
FMT[1:0]
10
Audio data format select.
00 = right justified mode
01 = left justified mode
10 = I2S mode
11 = DSP mode
4
LRP
0
Polarity select for LRCLK/DSP mode select.
0 = normal LRCLK polarity/DSP mode A
1 = inverted LRCLK polarity/DSP mode B
5
BCP
0
BCLK / DSD64CLK polarity select:
0 = normal polarity
1 = inverted polarity
6
REV
0
Analogue output phase control:
0 = Normal
1 = Inverted
7
PWDN
0
Power Down Mode Select:
0 = Normal Mode
1 = Power Down Mode
Table 58 R5 Format Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com