Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/RV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/RV
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/RV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
40
OVERSAMPLING RATE CONTROL
The user has control of the oversampling ratio of the WM8741, and can set to the device to operate
in low, medium or high rate modes.
For optimum operation of the digital filtering and other
processing on the WM8741 in PCM hardware mode, the user must ensure the correct value of OSR
is set at all times. Table 47 shows the correct settings:
PIN
NAME
DESCRIPTION
22
OSR/DSDR
Oversampling Rate Selection
0 = Low rate (32/44.1/48kHz)
Z = Medium rate (88.2/96kHz)
1 = High rate (176.4/192kHz)
Table 47 OSR/DSDR Hardware Control Pin Function
MUTE PIN
A soft mute can be applied to the WM8741 in the digital domain in all PCM. A logic low on the
MUTEB pin will cause the attenuation to ramp to infinite attenuation at a rate of 1022x(4/fs). Setting
MUTEB high will return the signal gain to its previous value. Figure 26 shows the soft mute
characteristic.
In DSD Direct mode the MUTEB pin controls the analogue mute in the DAC. This analogue mute is
a ‘hard’ mute and is applied and released as soon as the MUTEB pin is toggled.
PIN
NAME
DESCRIPTION
25
MUTEB/
SDOUT
Mute control
0 = Mute on (no output)
1 = Mute off (normal operation
Table 48 MUTEB Hardware Control Pin Function
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
Time (s)
Figure 26 Hardware Control Mode Soft Mute Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com