Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741GEDS/RV Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8741GEDS/RV
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741GEDS/RV Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8741GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Production Data
WM8741
w
PD, Rev 4.2, October 2009
41
ZERO FLAG
In hardware control mode the ZFLAG pin asserts when 1024 consecutive zero samples are applied
to the left and right channels of the WM8741 when in PCM mode. In DSD mode, the ZFLAG has no
function.
In hardware mode there is no access to the infinite zero detect and so there is no automute function.
If this functionality is required, software mode must be used. Figure 27 shows the MUTEB and
ZFLAG configuration.
Figure 27 Hardware Control Mode MUTEB and ZFLAG Configuration
DE-EMPHASIS CONTROL AND ANTI-CLIPPING MODE
In hardware control mode, de-emphasis is supported with a maximum error of +1.5dB at a sampling
rate of 44.1kHz.
Audio material is regularly recorded up to 0dB level and heavily compressed. This causes clipping
and distortion when the digital media is applied to a DAC. In order to prevent this in the WM8741, an
anti-clipping mode is provided, which attenuates the digital signal by 2dB as it is processed through
the digital filters.
Under hardware control de-emphasis and the anti-clipping mode are only available when using PCM
mode.
PIN
NAME
DESCRIPTION
26
SDIN/
DEEMPH
Deemphasis Control
0 = De-emphasis off
1 = De-emphasis on
Z = Digital filter anti-clipping mode
Table 49 DEEMPH Hardware Control Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com