Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/RV Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/RV
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/RV Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.3 July 2010
14
SAMPLING RATE
(LRCLK)
SYSTEM CLOCK FREQUENCY (MHZ)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
36.864
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
Unavailable
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 6 System Clock Frequencies Versus Sampling Rate
HARDWARE CONTROL MODES
When the MODE pin is held high, the following hardware modes of operation are available.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes, the MUTE pin controls the selection of MUTE directly, and
can be used to enable and disable the automute function. This pin becomes an output when left
floating and indicates infinite zero detect (IZD) has been detected.
DESCRIPTION
0
Normal Operation
1
Mute DAC channels
Floating
Enable IZD, MUTE pin becomes an output to indicate when IZD occurs.
L=IZD not detected, H=IZD detected.
Table 7 Mute and Automute Control
Figure 9 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VMID
with a time constant of approximately 64 input samples. When MUTE is de-asserted, the output will
restart almost immediately from the current input sample.
Figure 9 Application and Release of Soft Mute
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com