Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/RV Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/RV
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/RV Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.3 July 2010
15
In hardware mode (MODE pin set high) the MUTE pin becomes a bi-directional pin. Therefore if it is
driven low the device will never softmute. If it is driven high then all channels will softmute
immediately.
However if the pin is connected to a high impedance, or left floating, then when all four internal zero
flags are raised. the WM8768 will also drive a weak logic high signal on the MUTE pin (output
impedance 10kOhms) which can be used to drive an external device.
It is not possible to perform analogue mute in Hardware mode.
Ω
Figure 10 MUTE Logic in Hardware Mode
INPUT FORMAT SELECTION
In hardware mode, ML/I2S and MC/IWL become input controls for selection of input data format type
and input data word length for the DAC.
ML/I2S
MC/IWL
INPUT DATA MODE
0
0
24-bit right justified
0
1
20-bit right justified
1
0
16-bit I
2S
1
1
24-bit I2S
Table 8 Input Format Selection
Note:
In 24 bit I2S mode, any width of 24 bits or less is supported provided that the left/right clocks
(LRCLK) are high for a minimum of 24 bit clocks (BCLK) and low for a minimum of 24 bit clocks. If
exactly 32 bit clocks occur in one left/right clock (16 high, 16 low) the chip will auto detect and run a
16 bit data mode.
DE-EMPHASIS CONTROL
In hardware mode, the MD/DM pin becomes an input control for selection of de-emphasis filtering to
be applied.
MD/DM
DE-EMPHASIS
0
Off
1
On
Table 9 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com