Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/RV Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/RV
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/RV Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.3 July 2010
25
DMUTE AND MUTEALL
The WM8768 can be directly muted using the DMUTE and DMUTE4 register bits to control which
channels are muted. The mute happens as soon as the serial write is performed.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC Mute
5:3
DMUTE
[2:0]
000
DAC 3,2 and 1 Soft Mute select
0001111
DAC4 Control
2
DMUTE4
0
DAC 4 Soft Mute select
{DMUTE4,DMUTE [2:0]}
DAC
CHANNEL 4
DAC
CHANNEL 3
DAC
CHANNEL 2
DAC
CHANNEL 1
0000
Not MUTE
Not MUTE
Not MUTE
Not MUTE
0001
Not MUTE
Not MUTE
Not MUTE
MUTE
0010
Not MUTE
Not MUTE
MUTE
Not MUTE
0011
Not MUTE
Not MUTE
MUTE
MUTE
0100
Not MUTE
MUTE
Not MUTE
Not MUTE
0101
Not MUTE
MUTE
Not MUTE
MUTE
0110
Not MUTE
MUTE
MUTE
Not MUTE
0111
Not MUTE
MUTE
MUTE
MUTE
1000
MUTE
Not MUTE
Not MUTE
Not MUTE
1001
MUTE
Not MUTE
Not MUTE
MUTE
1010
MUTE
Not MUTE
MUTE
Not MUTE
1011
MUTE
Not MUTE
MUTE
MUTE
1100
MUTE
MUTE
Not MUTE
Not MUTE
1101
MUTE
MUTE
Not MUTE
MUTE
1110
MUTE
MUTE
MUTE
Not MUTE
1111
MUTE
MUTE
MUTE
MUTE
Table 10 DAC Mute Control
An overall MUTE to all channels can be applied by using the MUTEALL register.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Mute
0
MUTEALL
0
Soft Mute Select:
0 : Normal operation
1: Soft mute all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com