Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/RV Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/RV
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/RV Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.3 July 2010
18
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of DIN1/2/3/4 is sampled by the WM8768 on the rising edge of BCLK
preceding a LRCLK transition. LRCLK are high during the left samples and low during the right
samples (Figure 14).
Figure 14 Right Justified Mode Timing Diagram
I2S MODE
In I2S mode, the MSB of DIN1/2/3/4 is sampled by the WM8768 on the second rising edge of BCLK
following a LRCLK transition. LRCLK are low during the left samples and high during the right
samples.
Figure 15 I2S Mode Timing Diagram
DSP MODE A
In DSP mode A, the MSB of DAC channel 1 left data is sampled by the WM8768 on the second
rising edge on BCLK following a LRCLK rising edge. DAC channel 1 right and DAC channels 2/3/4
data follow DAC channel 1 left data (Figure 16).
Figure 16 DSP Mode A Timing Diagram – DAC data input
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN1/2/3/4
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN1/2/3/4
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
1 BCKIN
LRCIN
BCKIN
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 4
RIGHT
NO VALID DATA
1 BCKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com