Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/RV
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8768GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.3 July 2010
19
DSP MODE B
In DSP mode B, the MSB of DAC channel 1 left data is sampled by the WM8768 on the first BCLK
rising edge following a LRCLK rising edge. DAC channel 1 right and DAC channels 2/3/4 data follow
DAC channel 1 left data (Figure 17).
Figure 17 DSP Mode B Timing Diagram – DAC data input
In both DSP modes A and B, DACL1 is always sent first, followed immediately by DACR1 and the
data words for the other 8 channels. No BCLK edges are allowed between the data words. The word
order is DAC1 left, DAC1 right, DAC2 left, DAC2 right, DAC3 left, DAC3 right, DAC4 left, DAC4 right .
POWERDOWN MODES
The WM8768 has powerdown control bits allowing specific parts of the WM8768 to be powered off
when not being used. The four stereo DACs each have a separate powerdown control bit, DACD[2:0]
& DACD4, allowing individual stereo DACs to be powered off when not in use. Setting DACD will
power down everything except the reference VMID. This may be powered down by setting PDWN.
Setting PDWN will override all other powerdown control bits. It is recommended that the DACs are
powered down before setting PDWN.
LRCIN
BCKIN
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 4
RIGHT
NO VALID DATA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com