Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 153Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 154Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 155Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 156Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 157Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 158Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 160Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R46 (2Eh)
Analogue
Left Input 1
6
INL_CM_ENA
1
Left Input PGA Common Mode Rejection enable
0 = Disabled
1 = Enabled
(only available for L_MODE=01 – Differential Line)
Input PGA
Common Mode
Amplifier
5:4
L_IP_SEL_N
[1:0]
00
In Single-Ended or Differential Line Modes, this field
selects the input pin for the inverting side of the left
input path.
In Differential Mic Mode, this field selects the input pin
for the non-inverting side of the left input path.
00 = IN1L
01 = IN2L
1X = IN3L
Analogue Input
Signal Path
3:2
L_IP_SEL_P
[1:0]
01
In Single-Ended or Differential Line Modes, this field
selects the input pin for the non-inverting side of the left
input path.
In Differential Mic Mode, this field selects the input pin
for the inverting side of the left input path.
00 = IN1L
01 = IN2L
1X = IN3L
Analogue Input
Signal Path
1:0
L_MODE [1:0]
00
Sets the mode for the left analogue input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
Analogue Input
Signal Path
Register 2Eh Analogue Left Input 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
Analogue
Right Input 1
6
INR_CM_ENA
1
Right Input PGA Common Mode Rejection enable
0 = Disabled
1 = Enabled
(only available for R_MODE=01 – Differential Line)
Input PGA
Common Mode
Amplifier
5:4
R_IP_SEL_N
[1:0]
00
In Single-Ended or Differential Line Modes, this field
selects the input pin for the inverting side of the right
input path.
In Differential Mic Mode, this field selects the input pin
for the non-inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = IN3R
Analogue Input
Signal Path
3:2
R_IP_SEL_P
[1:0]
01
In Single-Ended or Differential Line Modes, this field
selects the input pin for the non-inverting side of the
right input path.
In Differential Mic Mode, this field selects the input pin
for the inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = IN3R
Analogue Input
Signal Path
1:0
R_MODE [1:0]
00
Sets the mode for the right analogue input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
Analogue Input
Signal Path
Register 2Fh Analogue Right Input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com