Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 158 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 158 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 154Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 155Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 156Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 157Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 158Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 160Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 161Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 162Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
158
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
Analogue
OUT1 Left
8
HPOUTL_MUT
E
0
Left Headphone Output Mute
0 = Un-mute
1 = Mute
Output Volume
Control
7
HPOUT_VU
0
Headphone Output Volume Update
Writing a 1 to this bit will update HPOUTL and
HPOUTR volumes simultaneously.
Output Volume
Control
6
HPOUTLZC
0
Left Headphone Output Zero Cross Enable
0 = disabled
1 = enabled
Output Volume
Control
5:0
HPOUTL_VOL
[5:0]
10_1101
Left Headphone Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Output Volume
Control
Register 39h Analogue OUT1 Left
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
Analogue
OUT1 Right
8
HPOUTR_MUT
E
0
Right Headphone Output Mute
0 = Un-mute
1 = Mute
Output Volume
Control
7
HPOUT_VU
0
Headphone Output Volume Update
Writing a 1 to this bit will update HPOUTL and
HPOUTR volumes simultaneously.
Output Volume
Control
6
HPOUTRZC
0
Right Headphone Output Zero Cross Enable
0 = disabled
1 = enabled
Output Volume
Control
5:0
HPOUTR_VOL
[5:0]
10_1101
Right Headphone Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Output Volume
Control
Register 3Ah Analogue OUT1 Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com