Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/V Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/V Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
79
POWER SUPPLIES
The WM8976 can use up to four separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output
and mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant
impact on overall power consumption (except for power consumed in the headphone). A large
AVDD slightly improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono
output drivers. SPKVDD can range from 2.5V to 5V. SPKVDD can be tied to AVDD, but it
requires separate layout and decoupling capacitors to curb harmonic distortion. With a larger
SPKVDD, louder headphone and speaker outputs can be achieved with lower distortion. If
SPKVDD is lower than AVDD, the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.71V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD can range from 1.71V to 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out of
the analogue signal paths.
DCVDD should be greater than or equal to 1.9V when using the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com