Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/V Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/V Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
81
Notes:
1.
This step enables the internal device bias buffer and the VMID buffer for unassigned
inputs/outputs. This will provide a startup reference voltage for all inputs and outputs. This will
cause the inputs and outputs to ramp towards VMID (NOT using output 1.5x boost) or 1.5 x
(AVDD/2) (using output 1.5x boost) in a way that is controlled and predictable (see note 2).
2.
Choose the value of the VMIDSEL bits based on the startup time (VMIDSEL=10 for slowest
startup, VMIDSEL=11 for fastest startup). Startup time is defined by the value of the VMIDSEL
bits (the reference impedance) and the external decoupling capacitor on VMID.
3.
Setting DACEN to off while operating in x1.5 boost mode will cause the VMID voltage to drop to
AVDD/2 midrail level and cause an output pop.
In addition to the power on sequence, it is recommended that the zero cross functions are used when
changing the volume in the PGAs to avoid any audible pops or clicks.
V
pora
DGND
Internal POR active
Device Ready
No Power
V
por_off
Power Supply
POR
I2S Clocks
ADC Internal
State
t
midrail_on
Analogue Inputs
ADCDAT pin
GD
ADCEN bit
Power down
Init
Normal Operation
Normal Operation
Init
PD
Power down
ADC enabled
ADC enabled
ADC off
t
adcint
DNC
INPPGAEN bit
t
adcint
INPPGA enabled
DNC
GD
GD
GD
POR
POR Undefined
VMID enabled
VMIDSEL/
BIASEN bits
AVDD/2
t
midrail_off
(Note 1)
(Note 2)
(Note 3)
(Note 4)
V
por_on
Figure 45 ADC Power Up and Down Sequence (not to scale)
SYMBOL
MIN
TYPICAL
MAX
UNIT
tmidrail_on
500
ms
tmidrail_off
>10
s
tadcint
2/fs
n
/fs
ADC Group Delay
29/fs
n
/fs
Table 65 Typical POR Operation (typical values, not tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com