Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
10
SPEAKER OUTPUT THD VERSUS POWER
Speaker Power vs THD+N (8Ohm BTL Load)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
50.00
100.00
150.00
200.00
250.00
300.00
350.00
400.00
450.00
500.00
Output Power (mW)
AVDD=SPKVDD=DBVDD=3.3, DCVDD=1.8
Speaker Power vs THD+N (8Ohm BTL Load)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
Output Power (mW)
AVDD=DBVDD=3.3V, SPKVDD=5V, DCVDD=1.8V
Speaker Power vs THD+N with +6dB Gain on LOUT2/ROUT2 (8Ohm BTL Load)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
Output Power (mW)
AVDD=DBVDD=3.3V, SPKVDD=5V, DCVDD=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com