Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
28
Figure 16 Microphone Bias Schematic
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8976 uses a multi-bit, oversampled sigma-delta ADC. The use of multi-bit feedback and high
oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full Scale input
level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0Vrms. Any voltage
greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path for each ADC channel is illustrated in Figure 17.
Figure 17 ADC Digital Filter Path
The ADC is enabled by the ADCENL/R register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management 2
0
ADCENL
0
Enable ADC:
0 = ADC disabled
1 = ADC enabled
Table 12 ADC Enable Control
AGND
MBVSEL=0
MICBIAS
= 1.8 x VMID
= 0.9 x AVDD
VMI
internal
resistor
internal
resistor
M
MBVSEL=1
MICBIAS
= 1.3 x VMID
= 0.65 x AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com