Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
22
selectable ‘application filters’ after the ADC provide for features such as ‘wind noise’ reduction, or
mechanical noise reducing filters.
Digital still camera recording; Support for digital recording is similar to the camcorder case. However,
additionally if the DSC supports MP3 playback, and perhaps recording, the ability of the ADC to
support full 48ks/s high quality recording increases device flexibility.
AUXILIARY ANALOGUE INPUTS
An analogue stereo FM tuner or other auxiliary analogue input can be connected to the AUX inputs of
WM8976, and the stereo signal listened to via headphones.
INPUT SIGNAL PATH
The WM8976 has flexible analogue inputs. An input PGA stage is followed by a boost/mix stage
which drives into the hi-fi ADC. The input path has three input pins which can be configured in a
variety of ways to accommodate single-ended or differential microphones. There is an auxiliary input
pin which can be fed into to the input boost/mix stage as well as driving into the output path. A bypass
path exists from the output of the boost/mix stage into the output left/right mixers.
MICROPHONE INPUTS
The WM8976 can accommodate a variety of microphone configurations including single ended and
differential inputs. The inputs to the differential input PGA are LIN, LIP and L2.
In single-ended microphone input configuration the microphone signal should be input to LIN and the
internal NOR gate configured to clamp the non-inverting input of the input PGA to VMID.
In differential mode the larger signal should be input to LIP and the smaller (e.g. noisy ground
connections) should be input to LIN.
Figure 10 Microphone Input PGA Circuit
The input PGA is enabled by the IPPGAENL register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
Management
2
2
INPPGAENL
0
Input PGA enable
0 = disabled
1 = enabled
Table 4 Input PGA Enable Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com