Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
21
The channel configuration options for the 8-channel eMIOS module are summarized in Table 3.
1.6.20
Periodic interrupt timer (PIT) module
The PIT features the following:
•
Four general purpose interrupt timers
•
As many as two dedicated interrupt timers for triggering ADC conversions
•
32-bit counter resolution
•
Clocked by system clock frequency
•
32-bit counter for Real Time Interrupt, clocked from main external oscillator
Table 2. 16-channel eMIOS module channel configuration
Channel mode
Channel number
8
IC/OC
Counter
9–15
IC/OC
16
PWM
Counter
17–22
PWM
23
PWM
Counter
General Purpose Input/Output
X
XXXX
Single Action Input Capture
X
XXXX
Single Action Output Compare
X
XXXX
Modulus Counter Buffered1
NOTES:
1
Modulus up and down counters to support driving local and global counter busses
XX
X
Output Pulse Width and Frequency Modulation Buffered
X
X
X
Output Pulse Width Modulation Buffered
X
X
X
Table 3. 8-Channel eMIOS module channel configuration
Channel mode
Channel number
16
PWM Counter
17–22
PWM
23
PWM Counter
General Purpose Input/Output
X
X
X
Single Action Input Capture
X
X
X
Single Action Output Compare
X
X
X
Modulus Counter Buffered1
NOTES:
1 Modulus up and down counters to support driving local and global counter busses
XX
Output Pulse Width and Frequency Modulation Buffered
X
X
X
Output Pulse Width Modulation Buffered
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com