Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
75
The HPREG has a “soft startup” profile which increases the supply in steps of approximately 50 mV in a
series of approximately 25 steps. Therefore, the peak current is within 750 mA of the maximum current
during startup. This eliminates any noise on the VDDR supply during startup and charging of NPN emitter
stability capacitance of 40
F (minimum).
Soft startup also occurs when waking up from standby mode to limit noise on the VDDR supply.
In case VDDR is shared between the device and the ballast, it must be star routed on the board or isolated
as much as possible to avoid any noise injected by the ballast. Soft startup will help to limit this noise but
a VDDR capacitor close to the ballast pin is critical here. A minimum capacitance of 10
F is needed.
Table 27 shows the typical and maximum startup currents.
3.7.6
HPREG load regulation characteristics
The HPREG exhibits a very strong load-regulation behavior (the transition from low- to high-current state
is regulated quickly). This is illustrated in Figure 10, which shows a 10–150 mA jump over 10 ns. Under
any case of load transition, the HPREG responds within 100 ns and stabilizes within 5
s. This helps
improve the stability of the 1.2 V supply and settling time.
Figure 9. HPREG load regulation
3.8
I/O pad electrical characteristics
3.8.1
I/O pad types
The device provides five main I/O pad types:
Table 27. Startup current
Symbol
C
Parameter
Value
Unit
Typ
Max
ISTART
CC
T Startup current
300
800
mA
1.2 V supply
Base control
3 V input supply
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com