Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
71
3.7.2
Voltage monitor electrical characteristics
The device implements a Power-on Reset (POR) module to ensure correct power-up initialization, as well
as four low voltage detectors (LVDs) to monitor the VDD and the VDD12 voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
•
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range
•
LVDLVCOR monitors power domain No. 1
•
LVDLVBKP monitors power domain No. 0
3.7.3
Low voltage domain power consumption
Table 25 provides DC electrical characteristics for significant application modes. These values are
indicative values; actual consumption depends on the application.
CC D Power supply rejection
@ DC @ no load
—
—
25
dB
D
any frequency @ no load
7
D
@ DC @ max load
25
D
any frequency @ max
load
8
CC D Load current transient
—
—
10 to 90
A in
70
s
Table 24. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VPORH
CC
P Power-on reset threshold
—
1.5
—
2.6
V
VLVDHV3H
CC
P LVDHV3 low voltage detector high threshold
—
—
—
2.9
VLVDHV5H
CC
P LVDHV5 low voltage detector high threshold
—
—
—
4.4
VLVDHV3L
CC
P LVDHV3 low voltage detector low threshold
—
2.6
—
—
VLVDHV5L
CC
P LVDHV5 low voltage detector low threshold
—
3.8
—
—
VLVDLVCORH CC P LVDLVCOR low voltage detector high threshold
TA = 25 °C,
after trimming
—
—
1.14
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
1.08
—
—
Table 23. Ultra-low-power voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com