Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 26Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
23
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Ability to modify the ISR or task priority.
— Modifying the priority can be used to implement the Priority Ceiling Protocol for accessing
shared resources.
•
External non-maskable interrupt directly accessing the main core critical interrupt mechanism
•
32 external interrupts
1.6.24
System Integration Unit (SIU)
The SIU controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O
(GPIO), internal peripheral multiplexing, and the system reset operation.
The GPIO features the following:
•
As many as four levels of internal pin multiplexing, allowing exceptional flexibility in the
allocation of device functions for each package
•
Centralized general purpose input output (GPIO) control of as many as 132 input/output pins
(package dependent)
•
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
•
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
•
All peripheral pins can be alternatively configured as both general purpose input or output pins
except ADC channels which support alternative configuration as general purpose inputs
•
Direct readback of the pin value supported on all digital output pins through the SIU
•
Configurable digital input filter that can be applied to as many as 14 general purpose input pins for
noise elimination on external interrupts
•
Register configuration protected against change with soft lock for temporary guard or hard lock to
prevent modification until next reset.
1.6.25
System Clocks and Clock Generation Modules
The system clock on the PXD10 can be derived from an external oscillator, an on-chip FMPLL, or the
internal 16 MHz oscillator.
•
The source system clock frequency can be changed via an on-chip programmable clock divider (
1
to
2).
•
Additional programmable peripheral bus clock divider ratio (
1 to 16)
•
The PXD10 has two on-chip FMPLLs—the primary module and an auxiliary module.
— Each features the following:
– Input clock frequency from 4 MHz to 16 MHz
– Lock detect circuitry continuously monitors lock status
– Loss Of Clock (LOC) detection for reference and feedback clocks
– On-chip loop filter (for improved electromagnetic interference performance and reduction
of number of external components required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com