Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 49Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 50Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 51Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 52Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 53Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 54Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 55Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 56Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
Pinout and signal descriptions
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
53
SIN_0,
SIN_1
DSPI
SPI data input signal
SOUT_0,
SOUT_1
DSPI
SPI data output signal
PCS0_2
QuadSPI
Peripheral chip select for serial flash mode or chip select 0 for SPI
master mode
IO2/PCS1_2
QuadSPI
Chip select 1 for SPI master mode and bidirectional IO2 for serial
flash mode
IO3/PCS2_2
QuadSPI
Chip select 2 for SPI master mode and bidirectional IO3 for serial
flash mode
IO0/SIN_2
QuadSPI
Data input signal for SPI master and slave modes and bidirectional
IO0 for serial flash mode
IO1/SOUT_2
QuadSPI
Data output signal for SPI master and slave modes and bidirectional
IO1 for serial flash mode
SCK_2
QuadSPI
Clock output signal for SPI master and serial flash modes and clock
input signal for SPI slave mode
eMIOSA[8:23],
eMIOSB[16:23]
eMIOS
Enhanced Modular Input Output System. 16+8 channel eMIOS for
timed input or output functions.
CANRX_0,
CANRX_1
FlexCAN
Receive (RX) pins for the CAN bus transceiver
CANTX_0, CANTX_1 FlexCAN
Transmit (TX) pins for the CAN bus transceiver
SCL_0,
SCL_1,
SCL_2,
SCL_3
I2C
Bidirectional serial clock compatible with I2C specifications
SDA_0,
SDA_1,
SDA_2,
SDA_3
I2C
Bidirectional serial data compatible with I2C specifications
TCK
JTAG
Debug port serial clock as per JTAG specifications
TDI
JTAG
Debug port serial data input port as per JTAG standards
specifications
TDO
JTAG
Debug port serial data output port as per JTAG standards
specifications
TMS
JTAG
Debug port Test Mode Select signal for the JTAG TAP controller state
machine and indicates various state transitions for the TAP controller
in the device
BP[0:3]
LCD
Backplane signals from the LCD controlling the backplane reference
voltage for the LCD display
FP[0:39]
LCD
Frontplane signals for LCD segments
EVTI
Nexus
Nexus2+ event input trigger
EVTO
Nexus
Nexus2+ event output trigger
Table 8. Signal details (continued)
Signal
Peripheral
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com