Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 26Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
•
Data Trace via Data Write Messaging (DWM) and Data Read Messaging (DRM). This provides the capability for the
development tool to trace reads and/or writes to selected internal memory resources.
•
Ownership Trace via Ownership Trace Messaging (OTM). OTM facilitates ownership trace by providing visibility of
which process ID or operating system task is activated. An Ownership Trace Message is transmitted when a new
process/task is activated, allowing the development tool to trace ownership flow.
•
Run-time access to embedded processor memory map via the JTAG port. This allows for enhanced download/upload
capabilities.
•
Watchpoint Messaging via the auxiliary pins
•
Watchpoint Trigger enable of Program and/or Data Trace Messaging
•
Data Acquisition Messaging (DQM) allows code to be instrumented to export customized information to the Nexus
Auxiliary Output Port.
•
Address Translation Messaging via program correlation messages displays updates to the TLB for use by the debugger
in correlating virtual and physical address information
•
Auxiliary interface for higher data input/output
•
Registers for Program Trace, Data Trace, Ownership Trace and Watchpoint Trigger.
•
All features controllable and configurable via the JTAG port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com