Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PXD20 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
2
1
Overview
1.1
Device comparison
Table 1. PXD20 Family Feature Set
Feature
PXD20
Package
176 LQFP
208 LQFP
416 MAPBGA
CPU
e200z4d
4 KB Instruction-Cache
16-entry Memory Management Unit (MMU)
Floating Point Unit (FPU)
Signal Processing Extension (SPE)
Execution speed
Static–125 MHz
Flash memory (ECC)
2 MB
RAM (ECC)
64 KB
On-chip graphics RAM (no ECC)
1 MB
MPU
16 entry
eDMA
16 channels
DRAM controller
No
Yes
OpenVG Graphics Accelerator
(GFX2D)
Yes (OpenVG 1.1)
Display Control Unit (DCU3)
Yes
Display Control Unit Lite (DCULite)
No
Yes
Timing Controller (TCON) and RSDS
interface
No
Yes
Video Input Unit (VIU2)
Yes
QuadSPI serial flash interface
Yes
Stepper Motor Controller (SMC)
4 motors
6 motors
Stepper Stall Detect (SSD)
Yes
Sound Generator Module (SGM)
Yes
32 kHz external crystal oscillator
Yes
Real Time Counter and Autonomous
Periodic Interrupt (RTC/API)
Yes
Periodic interrupt timer (PIT)
8 ch, 32-bit
Software Watchdog Timer (SWT)
Yes
System Timer Module (STM)
4 ch, 32-bit
Timed I/O
20 ch, 16-bit: IC / OC / OPWM
8 ch, 16-bit: IC / OC
4 ch, 16-bit: IC / OC / OPWM / QDEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com