Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 59Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 60Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 61Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 62Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
63
4.3
Absolute maximum ratings
Table 9. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max
VDDA
SR
D Voltage on VDDA pin (ADC reference) with
respect to ground (VSSA)
–0.3
+5.5
V
D1.1
Relative to VDD VDD –0.3
VDD +0.3
VSSA
SR
D Voltage on VSSA (ADC reference) pin with
respect VSS
VSS –0.1
VSS+0.1
V
D1.2
VDDPLL
CC
D Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
1.08
1.32
V
D1.3
Relative to VDD VDD –0.3
VDD +0.3
VDDR
SR
D Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
–0.3
+5.5
V
D1.4
Relative to VDD VDD –0.3
VDD +0.3
VSSR
SR
D Voltage on VSSR (regulator ground) pin with
respect to VSS
VSS –0.1
VSS +0.1
V
D1.5
VDD12
CC
D Voltage on VDD12 pin with respect to ground
(VSS12)
1.08
1.4
V
D1.6
VSS12
CC
D Voltage on VSS12 pin with respect to VSS
VSS –0.1
VSS +0.1
V
D1.7
VDDE_A
1
1 Throughout the remainder of this document V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, and VDDM,
unless otherwise noted.
SR
D Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
–0.3
+5.5
V
D1.8
VDDE_B
1
SR
D Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSS)
–0.3
+3.6
V
D1.9
VDDM
1
SR
D Voltage on VDDM (stepper motor supply) pin
with respect to ground (VSSM)
–0.3
+5.5
V
D1.10
VSS
2
2 Throughout the remainder of this document V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSPLL, and
VSSM, unless otherwise noted.
SR
D I/O supply ground
0
0
V
D1.11
VDD_DR
D Voltage on VDDDDR with respect to VSS
–0.3
3.6
V
D1.12
VRSDS
D Voltage on VDDRSDS with respect to VSS
–0.3
3.6
V
D1.13
VIN
SR
D Voltage on any GPIO pin with respect to ground
(VSS)
–0.3
VDDmax
(VDDE max of
that
segment)
V
IINJPAD
SR
D Injected input current on any pin during
overload condition
–10
10
mA
D1.15
IINJSUM
SR
D Absolute sum of all injected input currents
during overload condition
–50
50
D1.16
TSTORAGE SR
T Storage temperature
–55
150
°C
D1.17
ESDHBM
SR
T ESD Susceptibility (Human Body Model)
2000
V
D1.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com