Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
75
4.8
DC electrical specifications
4.8.1
DC specification for CMOS090LP2 library @ VDDE = 3.3 V
NOTE
These pad specifications are applicable for pads in the Digital segment Only. See the
“GPIO power bank supplies and functionality” table in the “Voltage Regulators and Power
Supplies” chapter of the reference manual for details.
6 Flash in Low Power. RCOSC 128 kHz and RCOSC 16 MHz ON. 10 MHz XTAL clock. FlexCAN: instances: 0, 1ON (clocked
but no reception or transmission), LINFLEX: instances 0, 1, 2 ON (clocked but no reception or transmission). eMIOS: instance:
0, 1 ON - 16 channels on with PWM20K Hz. DSPI: instance: 0 (clocked but no communication). DCUs, TCON, VIU, GPU clock
gated, RTC/API ON.PIT ON. STM ON. ADC ON but not converting.
7 No clock, RC 16MHz off, RCI 128 kHz on, PLL off, HPvreg off, ULPVreg/LPVreg on. All possible peripherals off and clock
gated. Flash in power down mode.
8 ULPreg ON, HP/LPVreg off, 64 KB RAM on, device configured for minimum consumption, all possible modules switched off.
9 32 KHz oscillator operates at 32,768 Hz.
10 ULPreg ON, HP/LPVreg off, 8 KB RAM on, device configured for minimum consumption, all possible modules switched off.
Table 21. DC electrical specifications
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Max
Vdd
SR
P Core supply voltage
—
1.08
1.47
V
D9.1
Vdde
SR
P I/O supply voltage
—
3.0
3.6
V
D9.2
Vdd33
SR
P I/O pre-driver supply voltage
—
3.0
3.6
V
D9.3
Vih_c
SR
P CMOS input buffer high
voltage
With hysteresis enabled
0.65
 Vdde
Vdde + 0.3
V
D9.4
With hysteresis disabled
0.55
 Vdde
Vdde + 0.3
Vil_c
SR
P CMOS input buffer low
voltage
With hysteresis enabled
Vss – 0.3
0.35
 Vdde
V
D9.5
With hysteresis disabled
Vss – 0.3
0.40
 Vdde
Vhys_c
SR
T CMOS input buffer hysteresis
—
0.1
 Vdde
—
V
D9.6
Vih_fod_h
SR
P 5 V tolerant CMOS input
buffer high voltage
With hysteresis enabled
0.65
 Vdd33 Vdd33 + 0.3
V
D9.7
Vil_fod_h
SR
P 5 V tolerant CMOS input
buffer low voltage
With hysteresis enabled
Vss – 0.3
0.35
 Vdd33
V
D9.8
Iact_s
SR
T Selectable weak
pullup/pulldown current
—
25
150
AD9.9
Iinact_d
SR
P Digital pad input leakage
current
Weak pull inactive
–2.5
2.5
A
D9.10
Iinact_a
SR
P Analog pad input leakage
current
Weak pull inactive
–150
150
A
D9.11
Voh
SR
P Output high voltage
—
0.8
 Vdde
—
V
D9.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com