Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 86Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 87Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 88Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 89Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 90Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 91Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 92Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 93Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
90
4.15
Flash memory electrical characteristics
Table 42. Program and erase specifications
Symbol
C
Parameter
Min
Value
Typical
Value1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
Initial
Max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program & erase times occur after the specified number of program/erase cycles. These maximum values are
characterized but not guaranteed.
Unit
SpecID
Tdwprogram
C Double Word (64 bits) Program Time4
4 Actual hardware programming times. This does not include software overhead.
—22
500
sD14.1
T16kpperase
C 16 KB Block Pre-program and Erase Time
—
500
5000
ms
D14.2
T32kpperase
C 32 KB Block Pre-program and Erase Time
—
600
5000
ms
D14.3
T128kpperase
C 128 KB Block Pre-program and Erase Time
—
1300
7500
ms
D14.4
Table 43. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Typ
P/E
C Number of program/erase cycles per block
for 16 KB, 48KB and 64KB blocks, across
full operating temperature range (Tj)
—
100,000
—
P/E
cycles
D14.5
P/E
C Number of program/erase cycles per block
for 128KB and 256KB blocks, across full
operating temperature range (Tj)
—
1, 000
100,000
P/E
cycles
D14.6
Data
retention
C Minimum data retention at 85 °C average
ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating temperature
range.
Blocks with 0 – 1,000 P/E
cycles
20
—
Years
D14.8
Blocks with 1,001 –
10,000 P/E cycles
10
—
Years
Blocks with 10,001 –
100,000 P/E cycles
5
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com