Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 3 Page - Enpirion, Inc.

Part # EP5357LUI
Description  600mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357LUI Datasheet(HTML) 3 Page - Enpirion, Inc.

  EP5357LUI Datasheet HTML 1Page - Enpirion, Inc. EP5357LUI Datasheet HTML 2Page - Enpirion, Inc. EP5357LUI Datasheet HTML 3Page - Enpirion, Inc. EP5357LUI Datasheet HTML 4Page - Enpirion, Inc. EP5357LUI Datasheet HTML 5Page - Enpirion, Inc. EP5357LUI Datasheet HTML 6Page - Enpirion, Inc. EP5357LUI Datasheet HTML 7Page - Enpirion, Inc. EP5357LUI Datasheet HTML 8Page - Enpirion, Inc. EP5357LUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
3
www.enpirion.com
PIN
NAME
FUNCTION
6
AGND
Analog ground. This is the quiet ground for the internal control circuitry, and the ground
return for external feedback voltage divider
7, 8
VOUT
Regulated Output Voltage. Refer to application section for proper layout and decoupling.
9, 10,
11
VS2, VS1,
VS0
Output voltage select. VS2 = pin 9, VS1 = pin 10, VS0 = pin 11.
EP5357LUI: Selects one of seven preset output voltages or an external resistor divider.
EP5357HUI: Selects one of eight preset output voltages.
(Refer to section on output voltage select for more details.)
12
ENABLE
Output Enable. Enable = logic high; Disable = logic low
13
AVIN
Input power supply for the controller circuitry.
14
PVIN
Input Voltage for the MOSFET switches.
Absolute Maximum Ratings
CAUTION:
Absolute Maximum ratings are stress ratings only. Functional operation beyond the
recommended operating conditions is not implied. Stress beyond the absolute maximum ratings may
cause permanent damage to the device.
Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.3
6.0
V
Voltages on: ENABLE, VSENSE, VSO – VS2
-0.3
VIN+ 0.3
V
Voltages on: VFB (EP5357LUI)
-0.3
2.7
V
Maximum Operating Junction Temperature
TJ-ABS
150
°C
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020C
260
°C
ESD Rating (based on Human Body Mode)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient –0 LFM (Note 1)
θJA
85
°C/W
Thermal Overload Trip Point
TJ-TP
+155
°C
Thermal Overload Trip Point Hysteresis
25
°C
Note 1
: Based on a four layer copper board and proper thermal design per JEDEC EIJ/JESD51 standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com