Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 15 Page - Enpirion, Inc.

Part # EP5357LUI
Description  600mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357LUI Datasheet(HTML) 15 Page - Enpirion, Inc.

Back Button EP5357LUI Datasheet HTML 9Page - Enpirion, Inc. EP5357LUI Datasheet HTML 10Page - Enpirion, Inc. EP5357LUI Datasheet HTML 11Page - Enpirion, Inc. EP5357LUI Datasheet HTML 12Page - Enpirion, Inc. EP5357LUI Datasheet HTML 13Page - Enpirion, Inc. EP5357LUI Datasheet HTML 14Page - Enpirion, Inc. EP5357LUI Datasheet HTML 15Page - Enpirion, Inc. EP5357LUI Datasheet HTML 16Page - Enpirion, Inc. EP5357LUI Datasheet HTML 17Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
15
www.enpirion.com
temperature, and are not suitable for switch-
mode DC-DC converter input filter applications.
Output Filter Capacitor
For VIN
≤ 4.3V, COUT_MIN = 10uF 0603 MLCC.
For VIN > 4.3V, COUT_MIN = 10uF 0805 MLCC.
Ripple performance can be improved by using
2x10µF 0603 MLCC capacitors (for any
allowed VIN).
The maximum output filter capacitance next to
the output pins of the device is 60µF low ESR
MLCC capacitance. VOUT has to be sensed at
the last output filter capacitor next to the
EP5357xUI.
Additional bulk capacitance for decoupling and
bypass can be placed at the load as long as
there is sufficient separation between the VOUT
Sense point and the bulk capacitance.
Excess total capacitance on the output (Output
Filter + Bulk) can cause an over-current
condition at startup. Refer to the section on
Soft-Start for the maximum total capacitance
on the output.
The output capacitor must use a X5R or X7R
or equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance
with
frequency,
bias,
and
temperature and are not suitable for switch-
mode
DC-DC
converter
output
filter
applications.
Recommended PCB Footprint
Figure 12: EP5357 Package PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com