Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EP5357LUI
Description  600mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357LUI Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EP5357LUI Datasheet HTML 6Page - Enpirion, Inc. EP5357LUI Datasheet HTML 7Page - Enpirion, Inc. EP5357LUI Datasheet HTML 8Page - Enpirion, Inc. EP5357LUI Datasheet HTML 9Page - Enpirion, Inc. EP5357LUI Datasheet HTML 10Page - Enpirion, Inc. EP5357LUI Datasheet HTML 11Page - Enpirion, Inc. EP5357LUI Datasheet HTML 12Page - Enpirion, Inc. EP5357LUI Datasheet HTML 13Page - Enpirion, Inc. EP5357LUI Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
10
www.enpirion.com
Detailed Description
Functional Overview
The EP5357xUI requires only 2 small MLCC
capacitors for a complete DC-DC converter
solution.
The device integrates MOSFET
switches,
PWM
controller,
Gate-drive,
compensation, and inductor into a tiny 2.5mm x
2.25mm x 1.1mm QFN package. Advanced
package design, along with the high level of
integration, provides very low output ripple and
noise.
The EP5357xUI uses voltage mode
control for high noise immunity and load
matching to advanced ≤90nm loads. A 3-pin
VID allows the user to choose from one of 8
output voltage settings.
The EP5357xUI
comes with two VID output voltage ranges.
The EP5357HUI provides VOUT settings from
1.8V to 3.3V, the EP5357LUI provides VID
settings from 0.8V to 1.5V, and also has an
external resistor divider option to program
output setting over the 0.6V to VIN-0.25V
range. The EP5357xUI provides the industry’s
highest power density of any 600mA DCDC
converter solution.
The
key
enabler
of
this
revolutionary
integration is Enpirion’s proprietary power
MOSFET technology. The advanced MOSFET
switches are implemented in deep-submicron
CMOS to supply very low switching loss at high
switching frequencies and to allow a high level
of integration. The semiconductor process
allows seem-less integration of all switching,
control, and compensation circuitry.
The proprietary magnetics design provides
high-density/high-value magnetics in a very
small footprint.
Enpirion magnetics are
carefully
matched
to
the
control
and
compensation circuitry yielding an optimal
solution with assured performance over the
entire operating range.
Protection features include under-voltage lock-
out (UVLO), over-current protection (OCP),
short circuit protection, and thermal overload
protection.
Integrated Inductor
The EP5357xUI utilizes a proprietary low loss
integrated inductor.
The integration of the
inductor greatly simplifies the power supply
design process. The inherent shielding and
compact construction of the integrated inductor
reduces the conducted and radiated noise that
can couple into the traces of the printed circuit
board.
Further, the package layout is
optimized to reduce the electrical path length
for the high di/dT input AC ripple currents that
are a major source of radiated emissions from
DC-DC converters.
The integrated inductor
provides the optimal solution to the complexity,
output ripple, and noise that plague low power
DCDC converter design.
Voltage Mode Control
The EP5357xUI utilizes an integrated type III
compensation network. Voltage mode control
is inherently impedance matched to the sub
90nm process technology that is used in
today’s advanced ICs. Voltage mode control
also provides a high degree of noise immunity
at light load currents so that low ripple and high
accuracy are maintained over the entire load
range.
The very high switching frequency
allows for a very wide control loop bandwidth
and hence excellent transient performance.
Light Load Mode (LLM) Operation
The EP5357xUI uses a proprietary light load
mode to provide high efficiency in the low load
operating condition. When the LLM pin is high,
the device is in automatic LLM/PWM mode.
When the LLM pin is low, the device is in PWM
mode. In automatic LLM/PWM mode, when a
light load condition is detected, the device will
(1) step VOUT up by approximately 1.5% above
the nominal operating output voltage setting,
VNOM, and then (2) shut down unnecessary
circuitry, and (3) monitor VOUT. When VOUT falls
below VNOM, the device will repeat (1), (2), and
(3). The voltage step up, or pre-positioning,
improves transient droop when a load transient
causes a transition from LLM mode to PWM
mode. If a load transient occurs, causing VOUT
to fall below the threshold VMIN, the device will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com