Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 5 Page - Enpirion, Inc.

Part # EP5357LUI
Description  600mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357LUI Datasheet(HTML) 5 Page - Enpirion, Inc.

  EP5357LUI Datasheet HTML 1Page - Enpirion, Inc. EP5357LUI Datasheet HTML 2Page - Enpirion, Inc. EP5357LUI Datasheet HTML 3Page - Enpirion, Inc. EP5357LUI Datasheet HTML 4Page - Enpirion, Inc. EP5357LUI Datasheet HTML 5Page - Enpirion, Inc. EP5357LUI Datasheet HTML 6Page - Enpirion, Inc. EP5357LUI Datasheet HTML 7Page - Enpirion, Inc. EP5357LUI Datasheet HTML 8Page - Enpirion, Inc. EP5357LUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
5
www.enpirion.com
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LLM Engage Headroom
Minimum VIN-VOUT to ensure
proper LLM operation
600
mV
LLM Pin Logic Low
VLLMLO
0.3
V
LLM Pin Logic High
VLLMHI
1.4
V
LLM Pin Current
ILLM
<100
nA
Operating Frequency
FOSC
5
MHz
Soft Start Operation
Soft Start Slew Rate
ΔVSS
EP5357HUI (VID MODE)
EP5357LUI (VID MODE)
8
4
V/mS
VOUT Rise Time
TRISE
Time to 90% VOUT (VFB MODE)
180
250
uSec
Note 1
: Parameter guaranteed by design
Typical Performance Characteristics
45
50
55
60
65
70
75
80
85
90
95
10
100
1000
Load Current (mA)
Efficiency vs. Load Current: VIN = 5.0V, VOUT (from
top to bottom) = 3.3, 2.5, 1.8, 1.2V
45
50
55
60
65
70
75
80
85
90
95
10
100
1000
Load Current (mA)
Efficiency vs. Load Current: VIN = 3.7V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
45
50
55
60
65
70
75
80
85
90
95
10
100
1000
Load Current (mA)
Efficiency vs. Load Current: VIN = 3.3V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
LLM
LLM
PWM
PWM
LLM
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com