Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EP5357LUI
Description  600mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5357LUI Datasheet(HTML) 4 Page - Enpirion, Inc.

  EP5357LUI Datasheet HTML 1Page - Enpirion, Inc. EP5357LUI Datasheet HTML 2Page - Enpirion, Inc. EP5357LUI Datasheet HTML 3Page - Enpirion, Inc. EP5357LUI Datasheet HTML 4Page - Enpirion, Inc. EP5357LUI Datasheet HTML 5Page - Enpirion, Inc. EP5357LUI Datasheet HTML 6Page - Enpirion, Inc. EP5357LUI Datasheet HTML 7Page - Enpirion, Inc. EP5357LUI Datasheet HTML 8Page - Enpirion, Inc. EP5357LUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
03409
September 12, 2012
Rev: D
EP5357LUI/EP5357HUI
©Enpirion 2012 all rights reserved, E&OE
4
www.enpirion.com
Electrical Characteristics
NOTE: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C, VIN = 3.6V.
CIN = 4.7µF MLCC, COUT = 10µF MLCC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
Range
VIN
2.4
5.5
V
Under Voltage Lock-out –
VIN Rising
VUVLO_R
2.0
V
Under Voltage Lock-out –
VIN Falling
VUVLO_F
1.9
V
Drop Out Resistance
RDO
Input to Output Resistance
350
500
mΩ
Output Voltage Range
VOUT
EP5357LUI (VDO = ILOAD X RDO)
EP5357HUI
0.6
1.8
VIN-VDO
3.3
V
Dynamic Voltage Slew
Rate
VSLEW
EP5357LUI (VID MODE)
EP5357HUI (VID MODE)
4
8
V/mS
VID Preset VOUT Initial
Accuracy
ΔVOUT
TA = 25°C, VIN = 3.6V;
ILOAD = 100mA ;
0.8V ≤ VOUT ≤ 3.3V
-2
+2
%
Line Regulation
ΔVOUT_LINE
2.4V ≤ VIN ≤ 5.5V
0.03
%/V
Load Regulation
ΔVOUT_LOAD
0A ≤ ILOAD ≤ 600mA
0.48
%/A
Temperature Variation
ΔVOUT_TEMPL -40°C ≤ TA ≤ +85°C
24
ppm/
°C
Output Current
IOUT
600
mA
Shut-down Current
ISD
Enable = Low
0.75
µA
EP5357HUI Operating
Quiescent Current
IQ
ILOAD=0; Preset Output Voltages,
LLM=High
55
µA
EP5357LUI Operating
Quiescent Current
IQ
ILOAD=0; Preset Output Voltages,
LLM=High
65
µA
OCP Threshold
ILIM
2.4V ≤ VIN ≤ 5.5V
0.6V ≤ VOUT ≤ 3.3V
1.25
1.4
A
Feedback Pin Voltage
Initial Accuracy
VFB
TA = 25°C, VIN = 3.6V;
ILOAD = 100mA ;
0.8V ≤ VOUT ≤ 3.3V
.588
0.6
0.612
V
Feedback Pin Voltage
variation over Line, Load,
and Temperature
VFB
-40
°C ≤ TA ≤ +85°C;
2.4V ≤ VIN ≤ 5.5V
0mA ≤ ILOAD ≤ 600mA
.582
0.6
0.618.
V
Feedback Pin Input
Current
IFB
Note 1
<100
nA
VS0-VS2, Pin Logic Low
VVSLO
0.0
0.3
V
VS0-VS2, Pin Logic High
VVSHI
1.4
VIN
V
VS0-VS2, Pin Input
Current
IVSX
Note 1
<100
nA
Enable Pin Logic Low
VENLO
0.3
V
Enable Pin Logic High
VENHI
1.4
V
Enable Pin Current
IENABLE
Note 1
<100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com