Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205CGQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8205CGQW
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205CGQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8205CGQW Datasheet HTML 2Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 3Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 4Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 5Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 6Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 7Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 8Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 9Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RT8205A/B/C
6
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Function Block Diagram
PWM Controller (One Side)
SMPS2
PWM Buck
Controller
BOOT2
UGATE2
PHASE2
LGATE2
GND
VREG5
VOUT2
FB2
ENTRIP2
PGOOD
SMPS1
PWM Buck
Controller
BOOT1
UGATE1
PHASE1
LGATE1
VREG5
VOUT1
FB1
ENTRIP1
VREG5
Thermal
Shutdown
REF
SW Threshold
TONSEL SKIPSEL
VIN
VREG5
PGND
Power-On
Sequence
Clear Fault Latch
EN
VREG3
SW Threshold
REF
VREG3
TRIG
Q
TOFF
1-Shot
TRIG
Q
1-Shot
R
TON
+
-
Comp
-
+
Fault
Latch
+
-
+
-
1.1 x VREF
0.7 x VREF
+
-
0.9 x VREF
Over-Voltage
Under-Voltage
On-Time
Compute
VIN
TONSEL
VOUT
REF
FB
PGOOD
LGATE
UGATE
+
-
Blanking
Time
+
-
VREG5
+
-
Current
Limit
Zero
Detector
SKIPSEL
PHASE
ENTRIP
SS
Time
25kHz
Detector
+
+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com