Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205CGQW Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT8205CGQW
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205CGQW Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT8205CGQW Datasheet HTML 20Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 21Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 22Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 23Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 24Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 25Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 26Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 27Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 28Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
RT8205A/B/C
25
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
P-P
IR
LOAD(MAX)
V
ESR
LI
≤
×
In non-CPU applications, the output capacitor's size
depends on how much ESR is needed to maintain an
acceptable level of output voltage ripple :
where VP-P is the peak-to-peak output voltage ripple.
Organic semiconductor capacitor(s) or specialty polymer
capacitor(s) are recommended.
For low input-to-output voltage differentials (VIN / VOUTx
< 2), additional output capacitance is required to maintain
stability and good efficiency in ultrasonic mode.
The amount of overshoot due to stored inductor energy
can be calculated as :
2
PEAK
SOAR
OUT
OUTx
(I
)
L
V
2C
V
×
≤
××
where IPEAK is the peak inductor current.
Although Mach ResponseTM DRVTM dual ramp valley mode
provides many advantages such as ease-of-use, minimum
external component configuration, and extremely short
response time, due to not employing an error amplifier in
the loop, a sufficient feedback signal needs to be provided
by an external circuit to reduce the jitter level. The required
signal level is approximately 15mV at the comparing point.
This generates VRipple = (VOUT / 2) x 15mV at the output
node. The output capacitor ESR should meet this
requirement.
SW
ESR
OUT
f
1
f
=
2
ESR C
4
π
≤
××
×
Output Capacitor Stability
Stability is determined by the value of the ESR zero relative
to the switching frequency. The point of instability is given
by the following equation :
Do not put high-value ceramic capacitors directly across
the outputs without taking precautions to ensure stability.
Large ceramic capacitors can have a high- ESR zero
frequency and cause erratic, unstable operation. However,
it is easy to add enough series resistance by placing the
capacitors a couple of inches downstream from the
inductor and connecting VOUTx or the FBx divider close
to the inductor.
Unstable operation manifests itself in two related and
distinctly different ways: double-pulsing and feedback loop
instability.
Double-pulsing occurs due to noise on the output or
because the ESR is so low that there is not enough voltage
ramp in the output voltage signal. This “fools” the error
comparator into triggering a new cycle immediately after
the 300ns minimum off-time period has expired. Double-
pulsing is more annoying than harmful, resulting in nothing
worse than increased output ripple. However, it may
indicate the possible presence of loop instability, which
is caused by insufficient ESR.
Loop instability can result in oscillations at the output
after line or load perturbations that can trip the overvoltage
protection latch or cause the output voltage to fall below
the tolerance limit.
The easiest method for checking stability is to apply a
very fast zero-to-max load transient and carefully observe
the output-voltage-ripple envelope for overshoot and ringing.
It helps to simultaneously monitor the inductor current
with an AC current probe. Do not allow more than one
cycle of ringing after the initial step-response under- or
overshoot.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance
θJA is layout dependent. For
WQFN-24L 4x4 packages, the thermal resistance
θJA is
52
°C/W on the standard JEDEC 51-7 four layers thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com