Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205CGQW Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT8205CGQW
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205CGQW Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT8205CGQW Datasheet HTML 11Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 12Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 13Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 14Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 15Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 16Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 17Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 18Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
RT8205A/B/C
15
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VREG3 Output Voltage vs. Output Current
3.306
3.308
3.310
3.312
3.314
3.316
3.318
3.320
3.322
3.324
0
1020
3040
5060
70
Output Current (mA)
VIN = 12V, TONSEL = GND, EN = VIN,
ENTRIP1 = ENTRIP2 =GND
VREG5 Output Voltage vs. Output Current
4.960
4.962
4.964
4.966
4.968
4.970
4.972
4.974
4.976
4.978
4.980
0
1020
3040
5060
70
Output Current (mA)
VIN = 12V, TONSEL = GND, EN = VIN,
ENTRIP1 = ENTRIP2 =GND
Battery Current vs. Input Voltage
0.1
1
10
100
7
9
11
13
15
17
19
21
23
25
Input Voltage (V)
DEM Mode
Ultrasonic Mode
PWM Mode
No Load, TONSEL = GND, EN = VIN,
ENTRIP1 = ENTRIP2 = 0.91V
VOUT2 Output Voltage vs. Load Current
3.324
3.330
3.336
3.342
3.348
3.354
3.360
3.366
3.372
3.378
0.001
0.01
0.1
1
10
Load Current (A)
DEM Mode
Ultrasonic Mode
PWM Mode
VIN = 12V, TONSEL = GND, EN = VIN,
ENTRIP1 =GND, ENTRIP2 = 0.91V
VOUT1 Output Voltage vs. Load Current
5.048
5.054
5.060
5.066
5.072
5.078
5.084
5.090
5.096
5.102
5.108
5.114
0.001
0.01
0.1
1
10
Load Current (A)
DEM Mode
Ultrasonic Mode
PWM Mode
VIN = 12V, TONSEL = GND, EN = VIN,
ENTRIP1 = 0.91V, ENTRIP2 =GND
VREF vs. Output Current
2.0010
2.0012
2.0014
2.0016
2.0018
2.0020
2.0022
2.0024
2.0026
2.0028
2.0030
-10
0
10
20
30
40
50
Output Current (μA)
VIN = 12V, TONSEL = GND, EN = VIN,
ENTRIP1 = ENTRIP2 =GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com