Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205CGQW Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT8205CGQW
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205CGQW Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT8205CGQW Datasheet HTML 16Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 17Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 18Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 19Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 20Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 21Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 22Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 23Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
RT8205A/B/C
20
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 1. TONSEL Connection and Switching
Frequency
TON
SMPS 1
K-Factor
(
μs)
SMPS 1
Frequency
(kHz)
SMPS 2
K-Factor
(
μs)
GND
5
200
4
REF
3.33
300
2.67
VREG5 or
VREG3
2.5
400
2
TON
SMPS 2
Frequency (kHz)
Approximate
K-Factor Error (%)
GND
250
±10
REF
375
±10
VREG5 or
VREG3
500
±10
Operation Mode Selection (SKIPSEL)
The RT8205A/B/C supports three operation modes :Diode-
Emulation Mode, Ultrasonic Mode, and Forced-CCM
Mode.
Diode-Emulation Mode (SKIPSEL = REF)
InDiode-Emulation mode, The RT8205A/B/C automatically
reduces switching frequency at light-load conditions to
maintain high efficiency. This reduction of frequency is
achieved smoothly and without increase of VOUT ripple or
load regulation. As the output current decreases from
heavy-load condition, the inductor current is also reduced,
and eventually comes to the point that its valley touches
zero current, which is the boundary between continuous
conduction and discontinuous conduction modes. By
emulating the behavior of diodes, the low-side MOSFET
allows only partial of negative current when the inductor
free-wheeling current reach negative. As the load current
is further decreased, it takes longer and longer to discharge
the output capacitor to the level that requires the next
“ON” cycle. The on-time is kept the same as that in the
heavy-load condition. In reverse, when the output current
increases from light load to heavy load, the switching
frequency increases to the preset value as the inductor
current reaches the continuous conduction. The transition
load point to the light-load operation can be calculated as
follows (Figure 1) :
The switching waveforms may appear noisy and
asynchronous when light loading causes Diode-Emulation
operation, but this is a normal operating condition that
results in high light-load efficiency. Trade-offs in PFM noise
vs. light-load efficiency are made by varying the inductor
value. Generally, low inductor values produce a broader
efficiency vs. load curve, while higher values result in higher
full-load efficiency (assuming that the coil resistance
remains fixed) and less output voltage ripple. Penalties
for using higher inductor values include larger physical
size and degraded load-transient response (especially at
low input-voltage levels).
Ultrasonic Mode (SKIPSEL = VREG5 or VREG3)
Connecting SKIPSEL to VREG5 or VREG3 activates a
unique Diode-Emulation mode with a minimum switching
frequency of 25kHz. This ultrasonic mode eliminates
audio-frequency modulation that would otherwise be
present when a lightly loaded controller automatically
skips pulses. In ultrasonic mode, the low-side switch gate-
driver signal is OR with an internal oscillator (>25kHz).
Once the internal oscillator is triggered, the ultrasonic
controller pulls LGATEx high, turning on the low-side
MOSFET to induce a negative inductor current. After the
output voltage across the REF, the controller turns off the
low-side MOSFET (LGATEx pulled low) and triggers a
constant on-time (UGATEx driven high). When the on-
time has expired, the controller re-enables the low-side
MOSFET until the controller detects that the inductor
current dropped below the zero-crossing threshold.
Forced-CCM Mode (SKIPSEL = GND)
The low-noise, forced-CCM mode (SKIPSEL = GND)
disables the zero-crossing comparator, which controls the
low-side switch on-time. This causes the low-side gate-
IN
OUT
LOAD(SKIP)
ON
(V
V
)
I
T
2L
−
≈×
where Ton is the On-time.
Figure 1. Boundary condition of CCM/DCM
IL
t
0
tON
Slope = (VIN -VOUT) / L
iL, peak
iLoad = iL, peak / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com