Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205CGQW Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8205CGQW
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205CGQW Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8205CGQW Datasheet HTML 3Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 4Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 5Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 6Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 7Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 8Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 9Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 10Page - Richtek Technology Corporation RT8205CGQW Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RT8205A/B/C
7
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
ENTRIP1 (Pin 1)
Channel 1 enable and Current Limit setting Input. Connect
resistor to GND to set the threshold for channel 1
synchronous RDS(ON) sense. The GND-PHASE1 current-
limit threshold is 1/10th the voltage seen at ENTRIP1 over
a 0.5V to 2V range. There is an internal 10uA current source
from VREG5 to ENTRIP1. The logic current limit threshold
is default to 200mV value if ENTRIP1 is higher than
VREG5-1V.
FB1 (Pin 2)
SMPS1 Feedback Input. Connect FB1 to VREG5 or GND
for fixed 5V operation. Or connect FB1 to a resistive voltage-
divider from VOUT1 to GND to adjust output from 2V to
5.5V.
REF (Pin 3)
2V Reference Output. Bypass to GND with a 0.22uF
capacitor. REF can source up to 50uA for external loads.
Loading REF degrades FBx and output accuracy according
to the REF load-regulation error.
TONSEL (Pin 4)
Frequency Selectable Input for VOUT1/VOUT2
respectively.
400kHz/500kHz : Connect to VREG5 or VREG3
300kHz/375kHz : Connect to REF
200kHz/250kHz : Connect to GND
FB2 (Pin 5)
SMPS2 Feedback Input. Connect FB2 to VREG5 or GND
for fixed 3.3V operation. Or connect FB2 to a resistive
voltage-divider from VOUT2 to GND to adjust output from
2V to 5.5V.
ENTRIP2 (Pin 6)
Channel 2 enable and Current Limit setting Input. Connect
resistor to GND to set the threshold for channel 2
synchronous RDS(ON) sense. The GND-PHASE2 current-
limit threshold is 1/10th the voltage seen at ENTRIP2 over
a 0.5V to 2V range. There is an internal 10uA current source
from VREG5 to ENTRIP2. The logic current limit threshold
is default to 200mV value if ENTRIP2 is higher than
VREG5-1V.
VOUT2 (Pin 7)
SMPS2 Output Voltage-Sense Input. Connect to the
SMPS2 output. VOUT2 is an input to the on-time one-
shot circuit. It also serves as the SMPS2 feedback input
in fixed-voltage mode.
VREG3 (Pin 8)
3.3V Linear Regulator Output.
BOOT2 (Pin 9)
Boost Flying Capacitor Connection for SMPS2. Connect
to an external capacitor according to the typical application
circuits.
UGATE2 (Pin 10)
High-Side MOSFET Floating Gate-Driver Output for
SMPS2. UGATE2 swings between PHASE2 and BOOT2.
PHASE2 (Pin 11)
Inductor Connection for SMPS2. PHASE2 is the internal
lower supply rail for the UGATE2 high-side gate driver.
PHASE2 is also the current-sense input for the SMPS2.
LGATE2 (Pin 12)
SMPS2 Synchronous-Rectifier Gate-Drive Output.
LGATE2 swings between GND and VREG5.
EN (Pin 13)
Master Enable Input. The REF/VREG5/VREG3 are
enabled if it is within logic high level and disable if it is
less than the logic low level.
SKIPSEL (Pin 14)
Operation Mode Selectable Input.
Ultrasonic Mode : Connect to VREG5 or VREG3
Diode Emulation Mode : Connect to REF
PWM Mode : Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com