Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM25SNM Datasheet(PDF) 46 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 46 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 42Page - ITT Industries DBM25SNM Datasheet HTML 43Page - ITT Industries DBM25SNM Datasheet HTML 44Page - ITT Industries DBM25SNM Datasheet HTML 45Page - ITT Industries DBM25SNM Datasheet HTML 46Page - ITT Industries DBM25SNM Datasheet HTML 47Page - ITT Industries DBM25SNM Datasheet HTML 48Page - ITT Industries DBM25SNM Datasheet HTML 49Page - ITT Industries DBM25SNM Datasheet HTML 50Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
45
D Subminiature
Combo D
Coaxial 90
° — Standard Footprint .318 or .283 inch
(Sizes DE-DC)
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5C1SJA197
DEMC5C1SJA197
DEMD5C1SJA197
DEMG5C1SJA197
DA
7W2
DAMP7C2SJA197
DAMC7C2SJA197
DAMD7C2SJA197
DAMG7C2SJA197
DA
11W1
DAMP11C1SJA197
DAMC11C1SJA197
DAMD11C1SJA197
DAMG11C1SJA197
DA
3W3
DAMP3C3SJA197
DAMC3C3SJA197
DAMD3C3SJA197
DAMG3C3SJA197
DA
3WK3
DAMP3CK3SJA197TM
DAMC3CK3SJA197TM
DAMD3CK3SJA197TM
DAMG3CK3SJA197TM
DB
5W5
DBMP5C5SJA197
DBMC5C5SJA197
DBMD5C5SJA197
DBMG5C5SJA197
DB
9W4
DBMP9C4SJA197
DBMC9C4SJA197
DBMD9C4SJA197
DBMG9C4SJA197
DB
13W3
DBMP13C3SJA197
DBMC13C3SJA197
DBMD13C3SJA197
DBMG13C3SJA197
DB
17W2
DBMP17C2SJA197
DBMC17C2SJA197
DBMD17C2SJA197
DBMG17C2SJA197
DB
21W1
DBMP21C1SJA197
DBMC21C1SJA197
DBMD21C1SJA197
DBMG21C1SJA197
DC
8W8
DCMP8C8SJA197
DCMC8C8SJA197
DCMD8C8SJA197
DCMG8C8SJA197
DC
13W6
DCMP13C6SJA197
DCMC13C6SJA197
DCMD13C6SJA197
DCMG13C6SJA197
DC
17W5
DCMP17C5SJA197
DCMC17C5SJA197
DCMD17C5SJA197
DCMG17C5SJA197
DC
21WA4
DCMP21CA4SJA197
DCMC21CA4SJA197
DCMD21CA4SJA197
DCMG21CA4SJA197
DC
25W3
DCMP25C3SJA197
DCMC25C3SJA197
DCMD25C3SJA197
DCMG25C3SJA197
DC
27W2
DCMP27C2SJA197
DCMC27C2SJA197
DCMD27C2SJA197
DCMG27C2SJA197
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMP5X1SJA197
For contacts with 30 microinches gold substitute K126 for A197. Example: DEMP5C1SJK126
For DD Shell Sizes, see page 47.
Keyed.
10
°
0,79
(.031)
2,92
(.115)
Ø 0,76
(.030)
A
B
C
E
D
BOARDLOCK
12,34
(.486)
8,64
(.340)
BRACKET,
METAL
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
6,50
± 0,25
(.256
± .010)
3,89 (.153)
MIN
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
11,94
± 0,33
(.470
± .013)
L
2,84
(.112)
F
W
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47.04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Screw lock, boardlock and signal contacts
removed for clarity
Screw lock, boardlock and coaxial contact
removed for clarity
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 231-232.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, See Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com