Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM25SNM Datasheet(PDF) 98 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 98 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 94Page - ITT Industries DBM25SNM Datasheet HTML 95Page - ITT Industries DBM25SNM Datasheet HTML 96Page - ITT Industries DBM25SNM Datasheet HTML 97Page - ITT Industries DBM25SNM Datasheet HTML 98Page - ITT Industries DBM25SNM Datasheet HTML 99Page - ITT Industries DBM25SNM Datasheet HTML 100Page - ITT Industries DBM25SNM Datasheet HTML 101Page - ITT Industries DBM25SNM Datasheet HTML 102Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
97
D Subminiature
Commercial Micro D — MDSM
MDSM is the commercial industry’s
smallest D-type connector for shielded
I/O wire-to-board applications.
Requiring less than 1/3 the area of a traditional
D Subminiature connector, MDSM is designed for
situations where space and EMI shielding are the
primary design drivers.
Unlike other micro connectors, MDSM’s rugged
construction and unique contact design combined
with a PdNi contact finish provide durability of
10,000 mating cycles. All of this comes in a sleek
package that includes a snap together shield can
and a slide over boot producing a cable assembly
with an overmolded look and a low assembled
cost. MDSM is an ideal solution for applications
where size, shielding, durability and aesthetics are
key design criteria.
Applications:
Electronic Notepads
VME Cards
Multiplexors
Serial Storage Devices
Computer Workstations
Hand Held Devices
Bar Code Scanners
Product Features
1,27 (.050) Pitch / Saves Space
Fully Shielded / Reduces EMI
Crimp Contacts / Applied Cost Savings
Accessories Included / Fewer Part Numbers
PdNi Plating / 10,000 Mating Cycles
Stacked Versions / Saves Horizontal Space
Slide Over Boot / Results in Overmolded
Appearance
Choice of Two Different Latching Options
(Thumbscrew / Push-Pull)
Contact Arrangements
(Face View of Pin Insert — Use Mirror Image for Socket Side)
Specifications
Temperature Rating
− 55°C to 125°C
Current Rating
1 A — temp dependent
Contact Resistance
20 m
Max.
Insulation Resistance
5000 M
Min.
Dielectric Withstanding Voltage
350 V at Sea Level
Durability
10,000 Mating Cycles
Shock / Vibration
50 G’s / 50 G’s
Wire Size
26 to 30 AWG
Materials and Finishes
Description
Material
Finish
Shell
Steel
Nickel
Shield Can
Steel
Tin
Cover
Steel
Tin
Insulator
Thermoplastic, UL94 V-O
None
Contacts
Copper Alloy
Gold flash over 30 microinches PdNi in mating area, Tin on balance
9 Contacts
15 Contacts
25 Contacts
Approvals & Certifications
SSA (Serial Storage Architecture)
U.L. File Number E8572
ISO 9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com