Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM25SNM Datasheet(PDF) 93 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 93 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 89Page - ITT Industries DBM25SNM Datasheet HTML 90Page - ITT Industries DBM25SNM Datasheet HTML 91Page - ITT Industries DBM25SNM Datasheet HTML 92Page - ITT Industries DBM25SNM Datasheet HTML 93Page - ITT Industries DBM25SNM Datasheet HTML 94Page - ITT Industries DBM25SNM Datasheet HTML 95Page - ITT Industries DBM25SNM Datasheet HTML 96Page - ITT Industries DBM25SNM Datasheet HTML 97Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
92
D Subminiature
Combo D
PCB (Size 8) Loose Contacts — Coaxial 75 Ohm — Straight
Plug
Receptacle
PCB (Size 8) Loose Contacts — Coaxial 75 Ohm — 90
°
Plug
Receptacle
17,78 (.700)
Ø 0,51
(.020)
5,08
(.200)
0,25
(.010)
4,19
(.165)
18,00 (.708)
Ø 0,61
(.024)
5,08
(.200)
0,25
(.010)
4,19
(.165)
20,32 (.800)
3,81
(.150)
10,26
(.404)
Ø 0,51
(.020)
5,08
(.200)
20,32 (.800)
3,81
(.150)
10,23
(.403)
Ø 0,61
(.024)
5,08
(.200)
Description
Part Number
Plug
DM130358-2
Description
Part Number
Receptacle
DM130346-2
Description
Part Number
Plug
DM130352-2
Description
Part Number
Receptacle
DM130321-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com