Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM25SNM Datasheet(PDF) 87 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 87 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 83Page - ITT Industries DBM25SNM Datasheet HTML 84Page - ITT Industries DBM25SNM Datasheet HTML 85Page - ITT Industries DBM25SNM Datasheet HTML 86Page - ITT Industries DBM25SNM Datasheet HTML 87Page - ITT Industries DBM25SNM Datasheet HTML 88Page - ITT Industries DBM25SNM Datasheet HTML 89Page - ITT Industries DBM25SNM Datasheet HTML 90Page - ITT Industries DBM25SNM Datasheet HTML 91Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
86
D Subminiature
Combo D
Cable (Size 8) Loose Contacts — Coaxial 50 Ohm — Straight
Straight Crimp Braid
Part Number
Gold Over Nickel
Part Number
50 in.
Gold Over Copper
A
max.
B
max.
D
min.
RG Cable Number
Old
New
Plug
DM53740
DM53740-17
18,80 (.739)
24,00 (.945)
1,00 (.040)
196/U
178B/U
Plug
DM53740-1
DM53740-15
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Plug
DM53740-35
—
18,80 (.739)
24,00 (.945)
1,70 (.067)
—
RD316
Plug
DM53740-3
DM53740-16
21,50 (.847)
26,34 (1.037)
2,79 (.110)
195/U
180B/U
Plug
DM53740-5
DM53740-18
21,50 (.847)
26,34 (1.037)
3,18 (.125)
58/U
58B/U
Receptacle
DM53742
DM53742-18
18,80 (.739)
24,00 (.945)
1,00 (.040)
196/U
178B/U
Receptacle
DM53742-1
DM53742-16
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Receptacle
DM53742-36
—
18,80 (.739)
24,00 (.945)
1,70 (.067)
—
RD316
Receptacle
DM53742-3
DM53742-17
21,50 (.847)
26,34 (1.037)
2,79 (.110)
195/U
180B/U
Receptacle
DM53742-5
DM53742-19
21,50 (.847)
26,34 (1.037)
3,18 (.125)
58/U
58B/U
For crimp tooling, see page 89.
Straight Solder Braid
Part Number
Gold Over Nickel
Part Number
50 in.
Gold Over Copper
A
max.
B
max.
D
min.
RG Cable Number
Old
New
Plug
DM53740-5008
DM53740-5105
18,80 (.739)
24,00 (.945)
1,00 (.040)
196/U
178B/U
Plug
DM53740-5001
DM53740-5099
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Plug
DM53740-5145
—
18,80 (.739)
24,00 (.945)
1,70 (.067)
—
RD316
Plug
DM53740-5002
DM53740-5104
21,50 (.847)
26,34 (1.037)
2,79 (.110)
195/U
180B/U
Plug
DM53740-5005
DM53740-5101
21,50 (.847)
26,34 (1.037)
3,18 (.125)
58/U
58/U
Plug (Short Type)
DM53740-5000
DM53740-5100
17,00 (.670)
22,20 (.874)
1,14 (.045)
196/U
178B/U
Receptacle
DM53742-5006
DM53742-5092
18,80 (.739)
24,00 (.945)
1,00 (.040)
196/U
178B/U
Receptacle
DM53742-5001
DM53742-5089
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Receptacle
DM53742-5126
—
18,80 (.739)
24,00 (.945)
1,70 (.067)
—
RD316
Receptacle
DM53742-5002
DM53742-5091
21,50 (.847)
26,34 (1.037)
2,79 (.110)
195/U
180B/U
Receptacle
DM53742-5004
DM53742-5086
21,50 (.847)
26,34 (1.037)
3,18 (.125)
58/U
58/U
Receptacle (Short Type)
DM53742-5000
DM53742-5085
17,00 (.670)
22,20 (.874)
1,14 (.045)
196/U
178B/U
Receptacle
Plug
Plug
Receptacle
Note: Dimensions include outer sleeve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com