Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM25SNM Datasheet(PDF) 92 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 92 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 88Page - ITT Industries DBM25SNM Datasheet HTML 89Page - ITT Industries DBM25SNM Datasheet HTML 90Page - ITT Industries DBM25SNM Datasheet HTML 91Page - ITT Industries DBM25SNM Datasheet HTML 92Page - ITT Industries DBM25SNM Datasheet HTML 93Page - ITT Industries DBM25SNM Datasheet HTML 94Page - ITT Industries DBM25SNM Datasheet HTML 95Page - ITT Industries DBM25SNM Datasheet HTML 96Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
91
RING, RETAINER
INSULATOR
17,70 (.697)
REF
Receptacle
For tooling, see page 88.
18,64 (.734)
REF
RING, RETAINING
INSULATOR
D Subminiature
Combo D
Cable (Size 8) Loose Contacts — High Voltage — Straight
Part Number
Part Number
Wire
Size
Gold over Ni
50 in. Gold
DM51157
DM51157-8
20 AWG
Part Number
Part Number
Wire
Size
Gold over Ni
50 in. Gold
DM51157-5000
DM51157-5005
20 AWG
RING, RETAINING
INSULATOR
17,70 (.697)
REF
For tooling, see page 88.
For tooling, see page 88.
Plug
Receptacle
19,41(.764)
REF
RING, RETAINING
INSULATOR
Part Number
Part Number
Wire
Size
Gold over Ni
50 in. Gold
DM51155
DM51155-7
20 AWG
For tooling, see page 88.
Cable (Size 8) Loose Contacts — High Voltage — 90
°
Plug
Part Number
Part Number
Wire
Size
Gold over Ni
50 in. Gold
DM51155-5000
DM51155-5004
20 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com