Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE812 Datasheet(PDF) 6 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 6 Page - Winbond

Back Button W78LE812 Datasheet HTML 2Page - Winbond W78LE812 Datasheet HTML 3Page - Winbond W78LE812 Datasheet HTML 4Page - Winbond W78LE812 Datasheet HTML 5Page - Winbond W78LE812 Datasheet HTML 6Page - Winbond W78LE812 Datasheet HTML 7Page - Winbond W78LE812 Datasheet HTML 8Page - Winbond W78LE812 Datasheet HTML 9Page - Winbond W78LE812 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
W78LE812
- 6 -
Port Options Register
Bit:
7
6
5
4
3
2
1
0
EP6
EP5
-
HD7
HD6
HD5
HD4
PUP
Mnemonic: POR
Address: 86H
PUP
: Enable Port 0 weak pull-up.
HD4
−7 : Enable pins P3.4 to P3.7 individually with High Drive outputs.
EP5
: Enable P4.5. To set this bit shifts ALE pin to the alternate function P4.5.
EP6
: Enable P4.6. To set this bit shifts PSEN pin to the alternate function P4.6
Port 4
The W78LE812 has one additional bit-addressable I/O port P4 in which the port address is D8H. The
Port 4 contains seven bits; P4.0 to P4.3 are only available on 44-pin PLCC/QFP package; P4.5 and
P4.6 are the alternate function corresponding to pins ALE, PSEN . When program is running in the
internal memory without any access to external memory, ALE and PSEN may be individually
configured to the alternate functions P4.5 and P4.6 that serve as general purpose I/O pins. To enable
I/O port P4.5 and P4.6, the bits EP5 and EP6 in the POR register must be set. During reset, the, ALE
and PSEN perform as in the standard 80C32. The alternate functions P4.5 and P4.6 must be
enabled by software. Care must be taken with the ALE pins when configured as the alternate
functions. The ALE will emit pulses until either the EP5 bit in POR register or AO bit in AUXR register
is set to 1. i.e. User's applications should elude the ALE pulses before software configure it with I/O
port P4.5.
Port 4
Bit:
7
6
5
4
3
2
1
0
-
P4.6
P4.5
-
P4.3
P4.2
P4.1
P4.0
Mnemonic: P4
Address: D8H
Interrupt System
The W78LE812 has twelve interrupt sources: INT0 and INT1; Timer 0,1 and 2; Serial Port; INT2 to
INT9. Each interrupt vectors to a specific location in program memory for its interrupt service routine.
Each of these sources can be individually enabled or disabled by setting or clearing the
corresponding bit in Special Function Register IE0 and IE1. The individual interrupt priority level
depends on the Interrupt Priority Register IP0 and IP1. Additional external interrupts INT2 to INT9 are
level sensitive and may be used to awake the device from power down mode. The Port 1 interrupts
can be initialized to either active HIGH or LOW via setting the Interrupt Polarity Register IX. The IRQ
register contains the flags of Port 1 interrupts. Each flag in IRQ register will be set when a interrupt
request is recognized but must be cleared by software. Note that the interrupt flags have to be
cleared before the interrupt service routine is completed, or else another interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com