Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE812 Datasheet(PDF) 13 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 13 Page - Winbond

Back Button W78LE812 Datasheet HTML 9Page - Winbond W78LE812 Datasheet HTML 10Page - Winbond W78LE812 Datasheet HTML 11Page - Winbond W78LE812 Datasheet HTML 12Page - Winbond W78LE812 Datasheet HTML 13Page - Winbond W78LE812 Datasheet HTML 14Page - Winbond W78LE812 Datasheet HTML 15Page - Winbond W78LE812 Datasheet HTML 16Page - Winbond W78LE812 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
W78LE812
Publication Release Date: February 1999
- 13 -
Revision A2
COMPANY/DEVICE ID READ OPERATION
This operation is supported for MTP ROM programmer to get the company ID or device ID on the
W78LE812.
OPERATIONS
P3.0
(A9
CTRL)
P3.1
(A13
CTRL)
P3.2
(A14
CTRL)
P3.3
(OE
CTRL)
P3.6
( CE )
P3.7
( OE )
EA
(VPP)
P2,P1
(A15..A0)
P0
(D7..D0)
NOTES
Read
0
0
0
0
0
0
1
Address
Data Out
Output Disable
0
0
0
0
0
1
1
X
Hi-Z
Program
0
0
0
0
0
1
VCP
Address
Data In
Program Verify
0
0
0
0
1
0
VCP
Address
Data Out
@3
Erase
1
0
0
0
0
1
VEP
A0:0,
others: X
Data In
0FFH
@4
Erase Verify
1
0
0
0
1
0
VEP
Address
Data Out
@5
Program/Erase
Inhibit
X
0
0
0
1
1
VCP/
VEP
X
X
Company ID
1
0
0
0
0
0
1
A0 = 0
Data Out
Device ID
1
0
0
0
0
0
1
A0 = 1
Data Out
Notes:
1. All these operations happen in RST = VIH, ALE = VIL and PSEN = VIH.
2. VCP = 12.5V, VEP = 14.5V, VIH = VDD, VIL = VSS.
3. The program verify operation follows behind the program operation.
4. This erase operation will erase all the on-chip MTP-ROM cells and the Security bits.
5. The erase verify operation follows behind the erase operation.
SECURITY BITS
During the on-chip MTP-ROM operation mode, the MTP-ROM can be programmed and verified
repeatedly. Until the code inside the MTP-ROM is confirmed OK, the code can be protected. The
protection of MTP ROM and those operations on it are described below.
The W78LE812 has several Special Setting Registers, including the Security Register and
Company/Device ID Registers, which can not be accessed in normal mode. These registers can only
be accessed from the MTP-ROM operation mode. Those bits of the Security Registers can not be
changed once they have been programmed from high to low. They can only be reset through erase-
all operation.
The contents of the Company ID and Device ID registers have been set in factory. Both registers are
addressed by the A0 address line during the same specific condition.
The Security Register is addressed in the MTP-ROM operation mode by address #0FFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com