Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE812 Datasheet(PDF) 22 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 22 Page - Winbond

Back Button W78LE812 Datasheet HTML 17Page - Winbond W78LE812 Datasheet HTML 18Page - Winbond W78LE812 Datasheet HTML 19Page - Winbond W78LE812 Datasheet HTML 20Page - Winbond W78LE812 Datasheet HTML 21Page - Winbond W78LE812 Datasheet HTML 22Page - Winbond W78LE812 Datasheet HTML 23Page - Winbond W78LE812 Datasheet HTML 24Page - Winbond W78LE812 Datasheet HTML 25Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
W78LE812
- 22 -
TYPICAL APPLICATION CIRCUITS
Expanded External Program Memory and Crystal
AD0
A0
A0
A0
10
A1
9
A2
8
A3
7
A4
6
A5
5
A6
4
A7
3
A8
25
A9
24
A10
21
A11
23
A12
2
A13
26
A14
27
A15
1
CE
20
OE
22
O0
11
O1 12
O2 13
O3 15
O4 16
O5 17
O6 18
O7 19
27512
AD0
D0
3
Q0 2
D1
4
Q1 5
D2
7
Q2 6
D3
8
Q3 9
D4
13
Q4 12
D5
14
Q5 15
D6
17
Q6 16
D7
18
Q7 19
OC
1
G
11
74373
AD0
EA
31
XTAL1
19
XTAL2
18
RST
9
INT0
12
INT1
13
T0
14
T1
15
P1.0
1
P1.1
2
P1.2
3
P1.3
4
P1.4
5
P1.5
6
P1.6
7
P1.7
8
39
38
37
36
35
34
33
32
21
22
23
24
25
26
27
28
17
WR
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
RD
16
PSEN 29
ALE 30
TXD 11
RXD
10
W78LE812
10 u
8.2 K
DD
CRYSTAL
C1
C2
R
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A8
AD1
AD2
AD3
AD4
AD5
AD6
AD7
GND
A1
A2
A3
A4
A5
A6
A7
A1
A2
A3
A4
A5
A6
A7
A8
A9
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A10
A11
A12
A13
A14
A15
GND
A9
A10
A11
A12
A13
A14
A15
V
DD
V
Figure A
CRYSTAL
C1
C2
R
16 MHz
30P
30P
-
24 MHz
15P
15P
-
Above table shows the reference values for crystal applications.
Note: C1, C2, R components refer to Figure A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com