Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE812 Datasheet(PDF) 1 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 1 Page - Winbond

  W78LE812 Datasheet HTML 1Page - Winbond W78LE812 Datasheet HTML 2Page - Winbond W78LE812 Datasheet HTML 3Page - Winbond W78LE812 Datasheet HTML 4Page - Winbond W78LE812 Datasheet HTML 5Page - Winbond W78LE812 Datasheet HTML 6Page - Winbond W78LE812 Datasheet HTML 7Page - Winbond W78LE812 Datasheet HTML 8Page - Winbond W78LE812 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
W78LE812
8-BIT MTP MICROCONTROLLER
Publication Release Date: February 1999
- 1 -
Revision A2
GENERAL DESCRIPTION
The W78LE812 is an 8-bit microcontroller which can accommodate a wide range of supply voltages
with low power consumption. The instruction set for the W78LE812 is fully compatible with the
standard 8051. The W78LE812 contains an 8K bytes MTP ROM (Multiple-Time Programmable
ROM); a 256 bytes RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 6-bit I/O
port P4; three 16-bit timer/counters; a hardware watchdog timer and a serial port. These peripherals
are supported by a fourteen sources two-level interrupt capability. To facilitate programming and
verification, the MTP-ROM inside the W78LE812 allows the program memory to be programmed and
read electronically. Once the code is confirmed, the user can protect the code for security.
The W78LE812 microcontroller has two power reduction modes, idle mode and power-down mode,
both of which are software selectable. The idle mode turns off the processor clock but allows for
continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
FEATURES
• Fully static design 8-bit CMOS microcontroller
• Wide supply voltage of 2.4V to 5.5V
• 256 bytes of on-chip scratchpad RAM
• 8 KB electrically erasable/programmable MTP-ROM
• 64 KB program memory address space
• 64 KB data memory address space
• Four 8-bit bi-directional ports
• Three 16-bit timer/counters
• Timer 2 Clock-out
• One full duplex serial port(UART)
• Watchdog Timer
• Direct LED drive outputs
• Fourteen sources, two-level interrupt capability
• Wake-up via external interrupts at Port 1
• EMI reduction mode
• Built-in power management
• Code protection mechanism
• Packages:
− DIP 40: W78LE812-24
− PLCC 44: W78LE812P-24
− PQFP 44: W78LE812F-24


Similar Part No. - W78LE812

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE812 WINBOND-W78LE812 Datasheet
410Kb / 31P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78LE812 NUVOTON-W78LE812 Datasheet
473Kb / 33P
8-BIT MICROCONTROLLER
logo
Winbond
W78LE812 WINBOND-W78LE812_06 Datasheet
410Kb / 31P
8-BIT MICROCONTROLLER
More results

Similar Description - W78LE812

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
8-BIT MTP MICROCONTROLLER
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
MARC4 4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com