Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE812 Datasheet(PDF) 3 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 3 Page - Winbond

  W78LE812 Datasheet HTML 1Page - Winbond W78LE812 Datasheet HTML 2Page - Winbond W78LE812 Datasheet HTML 3Page - Winbond W78LE812 Datasheet HTML 4Page - Winbond W78LE812 Datasheet HTML 5Page - Winbond W78LE812 Datasheet HTML 6Page - Winbond W78LE812 Datasheet HTML 7Page - Winbond W78LE812 Datasheet HTML 8Page - Winbond W78LE812 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
W78LE812
Publication Release Date: February 1999
- 3 -
Revision A2
PIN DESCRIPTION
SYMBOL
DESCRIPTIONS
EA
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out of external
ROM. It should be kept high to access internal ROM. The ROM address and data will
not be present on the bus if EA pin is high and the program counter is within on-chip
ROM area. Otherwise they will be present on the bus.
PSEN
PROGRAM STORE ENABLE: PSEN enables the external ROM data onto the Port 0
address/data bus during fetch and MOVC operations. When internal ROM access is
performed, no PSEN strobe signal outputs from this pin. This pin also serves the
alternative function P4.6.
ALE
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that separates
the address from the data on Port 0. This pin also serves the alternative function P4.5
RST
RESET: A high on this pin for two machine cycles while the oscillator is running resets
the device.
XTAL1
CRYSTAL1: This is the crystal oscillator input. This pin may be driven by an external
clock.
XTAL2
CRYSTAL2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
GROUND: Ground potential
VDD
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7 PORT 0: Port 0 is a bi-directional I/O port which also provides a multiplexed low order
address/data bus during accesses to external memory. The pins of Port 0 can be
individually configured to open-drain or standard port with internal pull-ups.
P1.0
−P1.7 PORT 1: Port 1 is a bi-directional I/O port with internal pull-ups. The bits have alternate
functions which are described below:
T2(P1.0): Timer/Counter 2 external count input
T2EX(P1.1): Timer/Counter 2 Reload/Capture control
INT2
−INT9 (P1.0−P1.7):External interrupt 2 to 9
P2.0
−P2.7 PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides
the upper address bits for accesses to external memory.
P3.0
−P3.7 PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. The pins P3.4 to P3.7
can be configured with high sink current which can drive LED displays directly. All bits
have alternate functions, which are described below:
RXD(P3.0) : Serial Port receiver input
TXD(P3.1) : Serial Port transmitter output
INT0 (P3.2) : External Interrupt 0
INT1(P3.3) : External Interrupt 1
T0(P3.4)
: Timer 0 External Input
T1(P3.5)
: Timer 1 External Input
WR (P3.6) :External Data Memory Write Strobe
RD (P3.7) : External Data Memory Read Strobe
P4.0-P4.6
PORT 4: A 6-bit bi-directional I/O port which is bit-addressable. Pins P4.0 to P4.3 are
available on 44-pin PLCC/QFP package. Pins P4.5 and P4.6 are the alternative
function corresponding to ALE and PSEN .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com