Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C54LP Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 45Page - Cypress Semiconductor CY8C54LP Datasheet HTML 46Page - Cypress Semiconductor CY8C54LP Datasheet HTML 47Page - Cypress Semiconductor CY8C54LP Datasheet HTML 48Page - Cypress Semiconductor CY8C54LP Datasheet HTML 49Page - Cypress Semiconductor CY8C54LP Datasheet HTML 50Page - Cypress Semiconductor CY8C54LP Datasheet HTML 51Page - Cypress Semiconductor CY8C54LP Datasheet HTML 52Page - Cypress Semiconductor CY8C54LP Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 49 of 117
The PSoC Creator software program provides a user friendly
interface to configure the analog connections between the GPIO
and various analog resources and also connections from one
analog resource to another. PSoC Creator also provides
component libraries that allow you to configure the various
analog blocks to perform application specific functions (PGA,
transimpedance amplifier, voltage DAC, current DAC, and so
on). The tool also generates API interface libraries that allow you
to write firmware that allows the communication between the
analog peripheral and CPU/Memory.
8.1 Analog Routing
The PSoC 5LP family of devices has a flexible analog routing
architecture that provides the capability to connect GPIOs and
different analog blocks, and also route signals between different
analog blocks. One of the strong points of this flexible routing
architecture is that it allows dynamic routing of input and output
connections to the different analog blocks.
For information on how to make pin selections for optimal analog
routing, refer to the application note, AN58304 - PSoC® 3 and
PSoC® 5 - Pin Selection for Analog Designs.
8.1.1 Features
Flexible, configurable analog routing architecture
16 Analog globals (AG) and two analog mux buses
(AMUXBUS) to connect GPIOs and the analog blocks
Each GPIO is connected to one analog global and one analog
mux bus
8 Analog local buses (abus) to route signals between the
different analog blocks
Multiplexers and switches for input and output selection of the
analog blocks
8.1.2 Functional Description
Analog globals (AGs) and analog mux buses (AMUXBUS)
provide analog connectivity between GPIOs and the various
analog blocks. There are 16 AGs in the PSoC 5LP family. The
analog routing architecture is divided into four quadrants as
shown in Figure 8-2. Each quadrant has four analog globals
(AGL[0..3], AGL[4..7], AGR[0..3], AGR[4..7]). Each GPIO is
connected to the corresponding AG through an analog switch.
The analog mux bus is a shared routing resource that connects
to every GPIO through an analog switch. There are two
AMUXBUS routes in PSoC 5LP, one in the left half (AMUXBUSL)
and one in the right half (AMUXBUSR), as shown in Figure 8-2.
Analog local buses (abus) are routing resources located within
the analog subsystem and are used to route signals between
different analog blocks. There are eight abus routes in
PSoC 5LP, four in the left half (abusl [0:3]) and four in the right
half (abusr [0:3]) as shown in Figure 8-2. Using the abus saves
the analog globals and analog mux buses from being used for
interconnecting the analog blocks.
Multiplexers and switches exist on the various buses to direct
signals into and out of the analog blocks. A multiplexer can have
only one connection on at a time, whereas a switch can have
multiple
connections
on
simultaneously.
In
Figure 8-2,
multiplexers are indicated by grayed ovals and switches are
indicated by transparent ovals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com