Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C54LP Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 15Page - Cypress Semiconductor CY8C54LP Datasheet HTML 16Page - Cypress Semiconductor CY8C54LP Datasheet HTML 17Page - Cypress Semiconductor CY8C54LP Datasheet HTML 18Page - Cypress Semiconductor CY8C54LP Datasheet HTML 19Page - Cypress Semiconductor CY8C54LP Datasheet HTML 20Page - Cypress Semiconductor CY8C54LP Datasheet HTML 21Page - Cypress Semiconductor CY8C54LP Datasheet HTML 22Page - Cypress Semiconductor CY8C54LP Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 19 of 117
5.6 External Memory Interface
CY8C54LP provides an EMIF for connecting to external memory
devices. The connection allows read and write accesses to
external memories. The EMIF operates in conjunction with
UDBs, I/O ports, and other hardware to generate external
memory address and control signals. At 33 MHz, each memory
access cycle takes four bus clock cycles.
Figure 5-1 is the EMIF block diagram. The EMIF supports
synchronous and asynchronous memories. The CY8C54LP only
supports one type of external memory device at a time.
External memory is located in the Cortex-M3 external RAM
space; it can use up to 24 address bits. See Table 5-4 on page
20Memory Map on page 20. The memory can be 8 or 16 bits
wide. Cortex-M3 instructions can be fetched/executed from
external memory, although at a slower rate than from flash.
There is no provision for code security in external memory. If
code must be kept secure, then it should be placed in internal
flash. See Flash Security on page 17 and Device Security on
page 60.
Figure 5-1. EMIF Block Diagram
PHUB
IO IF
UDB
EMIF
I/O
PORTs
I/O
PORTs
I/O
PORTs
Data,
Address,
and Control
Signals
Data,
Address,
and Control
Signals
Address Signals
Data Signals
Control Signals
Data,
Address,
and Control
Signals
EM Control
Signals
Other
Control
Signals
DSI Dynamic Output
Control
DSI to Port
Control
External_ MEM_ DATA[15:0]
External_ MEM_ ADDR[23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com